Electronic Components Datasheet Search
  English  ▼

X  

BLE121LR Datasheet(PDF) 11 Page - Silicon Laboratories

Part # BLE121LR
Description  Renamed "Bluetooth Smart" to "Bluetooth Low Energy" according to the official Bluetooth SIG nomenclature
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

BLE121LR Datasheet(HTML) 11 Page - Silicon Laboratories

Back Button BLE121LR Datasheet HTML 7Page - Silicon Laboratories BLE121LR Datasheet HTML 8Page - Silicon Laboratories BLE121LR Datasheet HTML 9Page - Silicon Laboratories BLE121LR Datasheet HTML 10Page - Silicon Laboratories BLE121LR Datasheet HTML 11Page - Silicon Laboratories BLE121LR Datasheet HTML 12Page - Silicon Laboratories BLE121LR Datasheet HTML 13Page - Silicon Laboratories BLE121LR Datasheet HTML 14Page - Silicon Laboratories BLE121LR Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
Silicon Labs
Page 11 of 35
4 Electrical Characteristics
4.1 Absolute Maximum Ratings
Note: These are absolute maximum ratings beyond which the module can be permanently damaged. These are not
maximum operating conditions. The maximum recommended operating conditions are in the Table 7.
Rating
Min
Max
Unit
Storage Temperature
-40
+85
°C
AVDD, DVDD
-0.3
3.9
V
Other Terminal Volatages
VSS-0.4
VDD+0.4
V
Table 6: Absolute Maximum Ratings
4.2 Recommended Operating Conditions
Rating
Min
Max
Unit
Operationg Temperature Range
-40
+85
°C
AVDD, DVDD (*,**,***
2.0
3.6
V
Table 7: Recommended Operating Conditions
*)
All supply nets must have the same voltage
**)
Supply voltage noise should be less than 10mVpp. Excessive noise at the supply voltage will reduce the
RF performance.
***) The supply voltage has an impact on the TX power, see Figure 7.
4.3 DC Characteristics
Parameter
Test Conditions
Min
Typ
Max
Unit
Logic-0 input voltage
0.5
V
Logic-1 input voltage
DVDD =3V0
2.5
V
Logic-0 input current
Input equals 0V
-50
50
nA
Logic-1 input current
Input equals VDD
-50
50
nA
I/O pin pull-up and pull-down resistors
20
kΩ
For detailed I/O terminal characteristic and timings refer to the CC2541 datasheet available in
(http://www.ti.com/lit/ds/symlink/cc2541.pdf)
Table 8: DC Characteristic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com