Electronic Components Datasheet Search
  English  ▼

X  

BLE121LR Datasheet(PDF) 29 Page - Silicon Laboratories

Part # BLE121LR
Description  Renamed "Bluetooth Smart" to "Bluetooth Low Energy" according to the official Bluetooth SIG nomenclature
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

BLE121LR Datasheet(HTML) 29 Page - Silicon Laboratories

Back Button BLE121LR Datasheet HTML 25Page - Silicon Laboratories BLE121LR Datasheet HTML 26Page - Silicon Laboratories BLE121LR Datasheet HTML 27Page - Silicon Laboratories BLE121LR Datasheet HTML 28Page - Silicon Laboratories BLE121LR Datasheet HTML 29Page - Silicon Laboratories BLE121LR Datasheet HTML 30Page - Silicon Laboratories BLE121LR Datasheet HTML 31Page - Silicon Laboratories BLE121LR Datasheet HTML 32Page - Silicon Laboratories BLE121LR Datasheet HTML 33Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 35 page
background image
10 Package
Figure 28: BLE121LR-A package marking
Line 1 Marking
Module name
Model: BLE121LR-A-M256K
Line 2 Marking
Anatel ID
01238-16-03402
Line 3 Marking
FCC ID
QOQBLE121LR
Line 4 Marking
IC ID
5123A-BGTBLE121LR
Line 5 Marking
KC ID
MSIP-CRM-BGT-BLE121LR
Line 6 Marking
Japan ID
209-J00111
Line 7 Marking
YYWWRMTT
YY Last digit of Year (e.g.: 16 for 2016)
WW Work Week (01-53)
R Major Revision (fixed character 1-9, A-Z, assigned by Silicon
Labs)
M Contract Manufacturer Site assigned by Silicon Labs
TT Unique Batch ID assigned by CM (2 characters A-Z)
Line 8 Marking
website
www.silabs.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com