Electronic Components Datasheet Search
  English  ▼

X  

68HC705JB2 Datasheet(PDF) 117 Page - NXP Semiconductors

Part # 68HC705JB2
Description  Industry standard M68HC05 CPU core
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

68HC705JB2 Datasheet(HTML) 117 Page - NXP Semiconductors

Back Button 68HC705JB2 Datasheet HTML 113Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 114Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 115Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 116Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 117Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 118Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 119Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 120Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 121Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 128 page
background image
August 28, 1998
GENERAL RELEASE SPECIFICATION
INSTRUCTION SET
REV 1.1
12-13
SUB #
opr
SUB
opr
SUB
opr
SUB
opr,X
SUB
opr,X
SUB ,X
Subtract Memory
Byte from
Accumulator
A
← (A) – (M)
— — ¤¤¤
IMM
DIR
EXT
IX2
IX1
IX
A0
B0
C0
D0
E0
F0
ii
dd
hh ll
ee ff
ff
2
3
4
5
4
3
SWI
Software Interrupt
PC
← (PC) + 1; Push (PCL)
SP
← (SP) – 1; Push (PCH)
SP
← (SP) – 1; Push (X)
SP
← (SP) – 1; Push (A)
SP
← (SP) – 1; Push (CCR)
SP
← (SP) – 1; I ← 1
PCH
← Interrupt Vector High Byte
PCL
← Interrupt Vector Low Byte
— 1 — — —
INH
83
10
TAX
Transfer
Accumulator to
Index Register
X
← (A)
—————
INH
97
2
TST
opr
TSTA
TSTX
TST
opr,X
TST ,X
Test Memory Byte
for Negative or Zero
(M) – $00
— — ¤¤ —
DIR
INH
INH
IX1
IX
3D
4D
5D
6D
7D
dd
ff
4
3
3
5
4
TXA
Transfer Index
Register to
Accumulator
A
← (X)
—————
INH
9F
2
WAIT
Stop CPU Clock
and Enable
Interrupts
— 0 — — —
INH
8F
2
A
Accumulator
opr
Operand (one or two bytes)
C
Carry/borrow flag
PC
Program counter
CCR
Condition code register
PCH
Program counter high byte
dd
Direct address of operand
PCL
Program counter low byte
dd rr
Direct address of operand and relative offset of branch instruction
REL
Relative addressing mode
DIR
Direct addressing mode
rel
Relative program counter offset byte
ee ff
High and low bytes of offset in indexed, 16-bit offset addressing
rr
Relative program counter offset byte
EXT
Extended addressing mode
SP
Stack pointer
ff
Offset byte in indexed, 8-bit offset addressing
X
Index register
H
Half-carry flag
Z
Zero flag
hh ll
High and low bytes of operand address in extended addressing
#
Immediate value
I
Interrupt mask
∧
Logical AND
ii
Immediate operand byte
∨
Logical OR
IMM
Immediate addressing mode
⊕
Logical EXCLUSIVE OR
INH
Inherent addressing mode
( )
Contents of
IX
Indexed, no offset addressing mode
–( )
Negation (two’s complement)
IX1
Indexed, 8-bit offset addressing mode
←
Loaded with
IX2
Indexed, 16-bit offset addressing mode
?
If
M
Memory location
:
Concatenated with
N
Negative flag
¤
Set or cleared
n
Any bit
—
Not affected
Table 12-6. Instruction Set Summary (Continued)
Source
Form
Operation
Description
Effect on
CCR
H I NZC
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com