Electronic Components Datasheet Search
  English  ▼

X  

68HC705JB2 Datasheet(PDF) 119 Page - NXP Semiconductors

Part # 68HC705JB2
Description  Industry standard M68HC05 CPU core
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

68HC705JB2 Datasheet(HTML) 119 Page - NXP Semiconductors

Back Button 68HC705JB2 Datasheet HTML 115Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 116Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 117Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 118Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 119Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 120Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 121Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 122Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 123Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 128 page
background image
August 28, 1998
GENERAL RELEASE SPECIFICATION
ELECTRICAL SPECIFICATIONS
REV 1.1
13-1
SECTION 13
ELECTRICAL SPECIFICATIONS
13.1
MAXIMUM RATINGS
This device contains circuitry to protect the inputs against damage due to high
static voltages or electric fields; however, it is advised that normal precautions be
taken to avoid application of any voltage higher than maximum-rated voltages to
this high-impedance circuit. For proper operation, it is recommended that VIN and
VOUT be constrained to the range VSS ≤ (VIN or VOUT) ≤ VDD. Reliability of
operation is enhanced if unused inputs are connected to an appropriate logic
voltage level (e.g., either VSS or VDD).
13.2
THERMAL CHARACTERISTICS
Table 13-1. Maximum Ratings
(Voltages referenced to VSS)
Rating
Symbol
Value
Unit
Supply Voltage
VDD
–0.3 to +7.0
V
Input Voltage
VIN
VSS–0.3 to VDD+0.3
V
EPROM Programming Voltage
VPP
15
V
Current Drain Per Pin Excluding PB1, PB2, VDD and VSS
I
–25
mA
Operating Temperature Range
(Standard)
(Extended)
TA
TL to TH
0 to +70
–40 to +85
°C
Storage Temperature Range
TSTG
–65 to +150
°C
Table 13-2. Thermal Characteristics
Characteristic
Symbol
Value
Unit
Thermal Resistance
20-Pin PDIP
20-Pin SOIC
θ
JA
θ
JA
68
91
°C/W
°C/W
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com