Electronic Components Datasheet Search
  English  ▼

X  

68HC705JB2 Datasheet(PDF) 123 Page - NXP Semiconductors

Part # 68HC705JB2
Description  Industry standard M68HC05 CPU core
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

68HC705JB2 Datasheet(HTML) 123 Page - NXP Semiconductors

Back Button 68HC705JB2 Datasheet HTML 119Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 120Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 121Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 122Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 123Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 124Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 125Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 126Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 127Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 128 page
background image
August 28, 1998
GENERAL RELEASE SPECIFICATION
ELECTRICAL SPECIFICATIONS
REV 1.1
13-5
13.6
CONTROL TIMING
1. The minimum period tILIL or tIHIH should not be less than the number of cycles it takes to execute the interrupt service routine plus
19 tCYC.
2. Effects of processing, temperature, and supply voltage (excluding tolerances of external R and C)
3. tslow is a parameter dependent on fOSC and loading. Typical value of tslow is TENTATIVELY set at 170 ns with minimal value of
130ns and maximal value of 185ns under the SIMULATION conditions that fOSC is 6.0 MHz and slow output transition feature is
enabled. Capacitive loadings of 50pF on PB1-PB2, are assumed. Actual transition time will be specified to replace the TBDs when
enough characterization has been done on various wafers from different lots. The values listed here represent data off simulation
runs under the specified conditions. Under no circumstances should they be treated as the final specification.
13.7
EPROM PROGRAMMING SPECIFICATIONS
Table 13-6. Control Timing
(VDD = 4.2V to 5.5V, VSS = 0 Vdc, TA = 0°C to +70°C, unless otherwise noted)
Characteristic
Symbol
Min
Max
Units
Frequency of Operation
Crystal Oscillator Option
External Clock Source
fOSC
fOSC
—
DC
6
6
MHz
MHz
Internal Operating Frequency
Crystal Oscillator (fOSC ÷ 2)
External Clock (fOSC ÷ 2)
fOP
fOP
—
DC
3
3
MHz
MHz
Cycle Time (1/fOP)tCYC
330
—
ns
RESET Pulse Width Low
tRL
1.5
—
tCYC
IRQ Interrupt Pulse Width Low (Edge-Triggered)
tILIH
0.5
—
tCYC
IRQ Interrupt Pulse Period
tILIL
note 1
—
tCYC
PA0 to PA3, Interrupt Pulse Width High
(Edge-Triggered)
tIHIL
0.5
—
tCYC
PA0 to PA3, Interrupt Pulse Period
tIHIH
note 1
—
tCYC
OSC1 Pulse Width
tOH, tOL
——
ns
Output High to Low Transition Period on PB1 (note 3)
tSLOW
——
ns
Table 13-7. EPROM Programming Electrical Characteristics
(VDD = 4.2V to 5.5V, VSS = 0 Vdc, TA = 0°C to +70°C, unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Programming Voltage
IRQ/VPP
VPP
10
12
15
V
Programming Current
IRQ/VPP
IPP
—3—
mA
Programming Time
per byte
tEPGM
14
—
ms
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com