Electronic Components Datasheet Search
  English  ▼

X  

ASI4U Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # ASI4U
Description  AS-Interface Spec. V3.0 Compliant Universal AS-i IC
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ASI4U Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button ASI4U Datasheet HTML 28Page - Renesas Technology Corp ASI4U Datasheet HTML 29Page - Renesas Technology Corp ASI4U Datasheet HTML 30Page - Renesas Technology Corp ASI4U Datasheet HTML 31Page - Renesas Technology Corp ASI4U Datasheet HTML 32Page - Renesas Technology Corp ASI4U Datasheet HTML 33Page - Renesas Technology Corp ASI4U Datasheet HTML 34Page - Renesas Technology Corp ASI4U Datasheet HTML 35Page - Renesas Technology Corp ASI4U Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 71 page
background image
ASI4U / ASI4U-E / ASI4U-F Datasheet
© 2016 Integrated Device Technology, Inc.
32
January 26, 2016
Figure 4.3
Timing Diagram Parameter Ports P[3:0] and PST
PST
tSetup
tPST
Parameter port output data
Keep stable
Parameter port input data
Data remains constant
if Multiplex_Parameter
flag is not set
Hi-Z if Multiplex_Parameter
flag is set
tPI-latch
min
max
thold
P[3:0]
P[3:0]
4.6.2.
Parameter Multiplex Mode
The AS-Interface Complete Specification V3.0 defines a Parameter Multiplex Mode. This added feature allows bi-
directional data transfer through the parameter port. The bi-directionality is achieved by turning the Parameter
Output Drivers off after the Parameter Strobe period and before the input sampling event. By turning off its output
drivers during the Parameter Strobe pulse, an external microcontroller can read the data from the Parameter Port
of the ASI4U/ASI4U-E/ASI4U-F, prepare new return data, and place it to the port immediately after the Parameter
Strobe signal.
The Parameter Multiplex Mode becomes activated by setting the corresponding Multiplex_Parameter flag (=1) in
the EEPROM.
To keep full compatibility to A²SI-based applications, this flag should be kept as zero (=0). The A²SI did not allow
real bi-directional parameter data transfer since it was not able to turn the output drivers off. The return value to a
Write_Parameter call was always a wired AND combination of the output signal of the IC and the signal driven to
the port by the external logic.
4.6.3.
Special Function of P0, P1 and P2
If the Watchdog_Active flag is not set (=0) but the P0_Watchdog_Activation flag is set (= 1, in the Firmware Area
block of the EEPROM), the value of the Parameter Port signal P0 determines whether the communication
watchdog is enabled or disabled. In compliance with Slave Profile 7D-5, the behavior is defined as follows:
INPUT VALUE AT P0
STATE OF COMMUNICATION WATCHDOG
LOW level (=0)
Disabled
HIGH level (=1)
Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com