Electronic Components Datasheet Search
  English  ▼

X  

ASI4U Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # ASI4U
Description  AS-Interface Spec. V3.0 Compliant Universal AS-i IC
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ASI4U Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button ASI4U Datasheet HTML 18Page - Renesas Technology Corp ASI4U Datasheet HTML 19Page - Renesas Technology Corp ASI4U Datasheet HTML 20Page - Renesas Technology Corp ASI4U Datasheet HTML 21Page - Renesas Technology Corp ASI4U Datasheet HTML 22Page - Renesas Technology Corp ASI4U Datasheet HTML 23Page - Renesas Technology Corp ASI4U Datasheet HTML 24Page - Renesas Technology Corp ASI4U Datasheet HTML 25Page - Renesas Technology Corp ASI4U Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 71 page
background image
ASI4U / ASI4U-E / ASI4U-F Datasheet
© 2016 Integrated Device Technology, Inc.
22
January 26, 2016
3.5.
EEPROM
The ASI4U provides an on-chip EEPROM with typical write times of 12.5ms and read times of 110ns. For security
reasons, the memory area is structured in two independent data blocks and a single bit Security flag.
The data blocks are named the “User Area” and “Firmware Area.” The Firmware Area block contains all
manufacturing-related configuration data (e.g., selection of operational modes, ID codes). It can be protected
against undesired data modification by setting the Program_Mode_Disable flag to 1.
The User Area contains only data that is relevant for changes in the final application (i.e., field installation of the
slave module). The environment, where modifications of the user data might become necessary, can sometimes
be rough and unpredictable. In order to ensure a write access cannot result in an undetected corruption of
EEPROM data, additional security is provided when programming the User Area.
Any write access to the User Area (by the calls Address_Assignment or Write_ID_Code1) is accompanied by two
write steps to the Security flag, one before and one after the actual modification of user data.
The following procedure is executed when writing to the User Area of the EEPROM:
1.
The Security flag is programmed to 1.
2.
The content of the Security flag is read back, verifying it was programmed to 1.
3.
The user data is modified.
4.
A read back of the written data is performed.
5.
If the read back has proven successful programming of the user data, the Security flag is
programmed back to 0.
6.
The content of the Security flag is read back, verifying it was programmed to 0.
In addition to a read out of the data areas, the Security flag of the EEPROM is also read and evaluated during IC
initialization. If the value of the Security flag equals 1 (e.g., due to an undesired interruption of a User Area write
access), the entire User Area data is treated as corrupted and the Slave Address is set to 0HEX in the
corresponding volatile shadow registers during initialization. Then the programming of the User Area data can be
repeated.
Table 3.4
EEPROM Contents
User Area
Firmware Area
ASI4U Internal EEPROM
Address [hex]
Bit
Position
EEPROM Cell Content
EEPROM Register Content
0
0 to 3
A0 to A3
Slave address low nibble
1
0
A4
Slave address high nibble
2
0 to 2
ID1_Bit0 to ID1_Bit2
ID_Code_Extension_1
2
3
ID1_Bit3
ID_Code_Extension_1, A/B slave selection in
extended address mode
3 to 7
Not implemented
8
0 to 3
ID_Bit0 to ID_Bit3
ID_Code
9
0 to 3
ID2_Bit0 to ID2_Bit3
ID_Code_Extension_2
A
0 to 3
IO_Bit0 to IO_Bit3
IO_Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com