Electronic Components Datasheet Search
  English  ▼

X  

ASI4U Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # ASI4U
Description  AS-Interface Spec. V3.0 Compliant Universal AS-i IC
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ASI4U Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button ASI4U Datasheet HTML 12Page - Renesas Technology Corp ASI4U Datasheet HTML 13Page - Renesas Technology Corp ASI4U Datasheet HTML 14Page - Renesas Technology Corp ASI4U Datasheet HTML 15Page - Renesas Technology Corp ASI4U Datasheet HTML 16Page - Renesas Technology Corp ASI4U Datasheet HTML 17Page - Renesas Technology Corp ASI4U Datasheet HTML 18Page - Renesas Technology Corp ASI4U Datasheet HTML 19Page - Renesas Technology Corp ASI4U Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 71 page
background image
ASI4U / ASI4U-E / ASI4U-F Datasheet
© 2016 Integrated Device Technology, Inc.
16
January 26, 2016
3.3.4.
Data Port Pins
An important feature of the ASI4U/ASI4U-E/ASI4U-F is the 8-bit wide data port that consists of a 4-bit-wide input
section and a 4-bit-wide output section. The input and output sections work independently from each other
allowing a maximum of 8 devices (4 input and 4 output devices) to be connected to the ASI4U/ASI4U-E/ASI4U-F.
For special applications (compatibility), the Multiplex Mode can be activated, which limits the output activation to a
specific time frame. With this feature, a 4-bit wide bi-directional data I/O port can be achieved by external
connection of the corresponding data input and output pins.
The data port is accompanied by the data strobe signal on the DSR pin. There is a defined phase relation
between a data output event, the input data sampling, and the activation of the DSR signal, so it can be used to
trigger external logic or a microcontroller to process the received data or to provide new input data for the AS-i
slave response. See section 4.7 for further details.
3.3.5.
Data Input Inversion
By default, the logic signal (HIGH/LOW) that is present at the data input pins during the input sampling phase is
transferred without modification to the send register, which is interfaced by the UART so that the signal directly
becomes part of the slave response.
Some applications function with inverted logic levels. To avoid additional external inverters, the input signal can
be inverted by the ASI4U/ASI4U-E/ASI4U-F before the signal is transferred to the send register. The inversion of
the input signals can either be done bit-selectively or jointly for all data input pins. See section 4.7.2.
3.3.6.
Data Input Filtering
To prevent input signal bouncing being transferred to the AS-Interface Master, the data input signals can be
digitally filtered. Filter times can be configured in seven steps from 128µs up to 8.192ms. When the AS-i Cycle
Mode is activated, the filter time is determined by the actual AS-i cycle time. For more detailed information, refer
to section 4.7.2.
The filter function can be enabled bit-selectively. Activation of the filters can be done jointly either by EEPROM
configuration or by the logic state of the parameter port pin P2. See section 4.7.2.
3.3.7.
Fixed-Data Output Driving
The fixed-data output-driving feature is intended to facilitate board-level design for similar products that do not
require the full data output port width. The user can select one or more bits from the data output port to be driven
by a distinct logic level instead of by the data that was sent by the master. The distinct output data is stored in the
EEPROM and can be set during final module configuration. With this feature, it is possible to signal the actual IC
profile to external circuitry and to allow reuse of some types of board designs for different product applications.
See section 4.7.3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com