Electronic Components Datasheet Search
  English  ▼

X  

ASI4U Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # ASI4U
Description  AS-Interface Spec. V3.0 Compliant Universal AS-i IC
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ASI4U Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button ASI4U Datasheet HTML 19Page - Renesas Technology Corp ASI4U Datasheet HTML 20Page - Renesas Technology Corp ASI4U Datasheet HTML 21Page - Renesas Technology Corp ASI4U Datasheet HTML 22Page - Renesas Technology Corp ASI4U Datasheet HTML 23Page - Renesas Technology Corp ASI4U Datasheet HTML 24Page - Renesas Technology Corp ASI4U Datasheet HTML 25Page - Renesas Technology Corp ASI4U Datasheet HTML 26Page - Renesas Technology Corp ASI4U Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 71 page
background image
ASI4U / ASI4U-E / ASI4U-F Datasheet
© 2016 Integrated Device Technology, Inc.
23
January 26, 2016
ASI4U Internal EEPROM
Address [hex]
Bit
Position
EEPROM Cell Content
EEPROM Register Content
B
0
Multiplex_Data
Multiplexed bi-directional Data Port mode
1
Multiplex_Parameter
Multiplexed bi-directional Parameter Port
mode
2
P0_Watchdog_Activation
Watchdog can be activated/deactivated by the
logic value at parameter pin P0.
Watchdog_Active must not be set.
3
Watchdog_Active
Communication watchdog is continuously
activated.
C
0
Master_Mode
If set, Firmware Area cannot be accessed.
1
Program_Mode_Disable
If set, Firmware Area is protected against
overriding.
2
Repeater_Mode
If set, Firmware Area cannot be accessed.
3
Invert_Data_In
All Data Port inputs are inverted.
D
0 to 3
DI_Invert_Configuration
Enables separate input data inverting for
selected DI pins.
Invert_Data_In must not be set.
E
0 to 3
DI_Filter_Configuration
Enables anti-bouncing filters for selected DI
pins
F
0 to 2
DI_Filter_Time_Constant
Defines a time constant for the input filter. For
coding rules, see section 4.7.2.
3
P1_Filter_Activation
If flag is set, the logic value at the parameter
pin P1 determines whether the filter function is
active or inactive (see section 4.6.2.)
If flag is not set, DI_Filter_Configuration
activates the filter function.
10
0 to 3
Data_Out_Configuration
Defines whether the corresponding Data Port
output pin is driven by the Data Output
Register (sensitive to the Data_Exchange
command) or the Data_Out_Value register
(EEPROM configured).
11
0 to 3
Data_Out_Value
Stores static Data Port output value if selected
by Data_Out_Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com