Electronic Components Datasheet Search
  English  ▼

X  

ASI4U Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # ASI4U
Description  AS-Interface Spec. V3.0 Compliant Universal AS-i IC
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ASI4U Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button ASI4U Datasheet HTML 45Page - Renesas Technology Corp ASI4U Datasheet HTML 46Page - Renesas Technology Corp ASI4U Datasheet HTML 47Page - Renesas Technology Corp ASI4U Datasheet HTML 48Page - Renesas Technology Corp ASI4U Datasheet HTML 49Page - Renesas Technology Corp ASI4U Datasheet HTML 50Page - Renesas Technology Corp ASI4U Datasheet HTML 51Page - Renesas Technology Corp ASI4U Datasheet HTML 52Page - Renesas Technology Corp ASI4U Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 71 page
background image
ASI4U / ASI4U-E / ASI4U-F Datasheet
© 2016 Integrated Device Technology, Inc.
49
January 26, 2016
Table 4.21 Polarity of Manchester-II Signal at LED1
INPUT VALUES AT
DI2 AND DI3
DESCRIPTION
Equal (“11”, “00”)
Manchester-II signal is active HIGH (default logic output value at no communication is ‘0’).
This mode is compatible with the A²SI LED output
Unequal (“01”, “10”)
Manchester-II signal is active LOW (default logic output value at no communication is ‘1’).
Note: The complemented definition is designed to retain backward compatibility to A²SI-based AS-i Master
designs.
Every received AS-i telegram is checked for consistency with the protocol specifications and timing jitters are
removed if they remain within the specified limits. If a telegram error is detected, the output signal becomes
disrupted in such a way that subsequent logic can also recognize the Manchester-II-coded output signal as being
erroneous.
LED2 is always logic HIGH (high impedance) in the Master, Repeater, and Monitor Modes to reduce internal
power dissipation of the IC. In such applications, the green LED must be connected to the UOUT pin or different
supply levels.
4.10. Oscillator Pins OSC1, OSC2
Table 4.22 Oscillator Pin Parameters
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Input voltage range
VOSC_IN
-0.3
VU5R
V
External parasitic capacitor at oscillator
pins OSC1, OSC2
COSC
0
8
pF
Dedicated load capacity
CLOAD
12
pF
Input ”low” voltage for external clock
applied to OSC1
VIL
0
1.5
V
Input ”high” voltage for external clock
applied to OSC1
VIH
3.5
VU5R
V
4.11. IC Reset
Any IC reset turns the Data Output and Parameter Output registers to FHEX and forces the corresponding output
drivers to high impedance state. Except at power-on reset, Data Strobe and Parameter Strobe signals are
simultaneously generated to visualize possibly changed output data to external circuitry.
The Data_Exchange_Disable flag becomes set during IC reset, prohibiting any data port activity right after IC
initialization and as long as the external circuitry was not pre-conditioned by decent parameter output data.
Consequently the AS-i master has to send a Write_Parameter call in advance of the first Data_Exchange request
to an initialized slave. Following IC initialization times apply:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com