Electronic Components Datasheet Search
  English  ▼

X  

ASI4U Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # ASI4U
Description  AS-Interface Spec. V3.0 Compliant Universal AS-i IC
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ASI4U Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button ASI4U Datasheet HTML 24Page - Renesas Technology Corp ASI4U Datasheet HTML 25Page - Renesas Technology Corp ASI4U Datasheet HTML 26Page - Renesas Technology Corp ASI4U Datasheet HTML 27Page - Renesas Technology Corp ASI4U Datasheet HTML 28Page - Renesas Technology Corp ASI4U Datasheet HTML 29Page - Renesas Technology Corp ASI4U Datasheet HTML 30Page - Renesas Technology Corp ASI4U Datasheet HTML 31Page - Renesas Technology Corp ASI4U Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 71 page
background image
ASI4U / ASI4U-E / ASI4U-F Datasheet
© 2016 Integrated Device Technology, Inc.
28
January 26, 2016
4.3.2.
AC Current Input Mode
The IRD input allows direct connection of a photodiode (referenced to 0V pin) and senses the generated photo
current. A valid input signal must have a specified current amplitude (range) and must not exceed a specified
offset current value, which are given in Figure 4.2 and Table 4.3
In contrast to A²SI versions, the IRD input of the ASI4U/ASI4U-E/ASI4U-F covers the entire input current range by
a single amplifying stage with continuous (logarithmical) gain adaptation. This avoids cyclical gain switching, and
the IC can react more safely and without delay on different input signal amplitudes.
Table 4.3
IRD AC Current Input Parameters
PARAMETER
SYMBOL
CONDITIONS
MIN
MAX
UNIT
Input current offset
IIRD_Offset
10
µA
Input current amplitude
IIRD_Amplitude
25
100
µA
Figure 4.2
Addressing Channel Input (IRD), Photo-Current Waveforms
The TEMIC TEMD5000 photodiode is suggested for optimal performance.
4.3.3.
CMOS Input Mode
In addition to the AC Current Input Mode, the IRD input can also operate in CMOS Input Mode. Mode switching is
only possible as long as the IC has not already locked to the Addressing Channel by reception of a Magic
Sequence. The input mode that led to the activation of the Addressing Channel will remain locked until the
Addressing Channel is deactivated (by an IC reset).
The CMOS Input Mode is entered if the IRD input voltage is above 2.5V (logic HIGH) for more than 7.680ms
(-6.66%). It is exited if the IRD input voltage is below 1.0V (logic LOW) for more than 7.680ms (-6.66%). The
initial input mode after IC initialization is determined at the end of the initialization phase and depends on the
value of the IRD input signal at that time.
MIN
I
IRD_Amplitude
MAX
I IRD_Amplitude
MAX
IIRD_Offset
Time
IRD
Input
Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com