Electronic Components Datasheet Search
  English  ▼

X  

ASI4U Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # ASI4U
Description  AS-Interface Spec. V3.0 Compliant Universal AS-i IC
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ASI4U Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button ASI4U Datasheet HTML 14Page - Renesas Technology Corp ASI4U Datasheet HTML 15Page - Renesas Technology Corp ASI4U Datasheet HTML 16Page - Renesas Technology Corp ASI4U Datasheet HTML 17Page - Renesas Technology Corp ASI4U Datasheet HTML 18Page - Renesas Technology Corp ASI4U Datasheet HTML 19Page - Renesas Technology Corp ASI4U Datasheet HTML 20Page - Renesas Technology Corp ASI4U Datasheet HTML 21Page - Renesas Technology Corp ASI4U Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 71 page
background image
ASI4U / ASI4U-E / ASI4U-F Datasheet
© 2016 Integrated Device Technology, Inc.
18
January 26, 2016
3.3.11. Enhanced LED Status Indication
ASI4U now supports enhanced status indication by two LED outputs. A special mode for direct application of dual
LEDs and the respective different signaling modes are also implemented. Compared to the A²SI, the former
U5RD pin was reassigned as LED2 pin. Thus, compatibility to existing A²SI board layouts is still guaranteed.
However, it will require keeping the LED2 pin disabled (default state at delivery) in order to avoid short-circuiting
U5R to ground. More detailed information on the different signaling schemes and their activation can be found in
section 4.9.
3.3.12. Communication Monitor/Watchdog
Data and parameter communication are continuously observed by a communication monitor. If neither
Data_Exchange nor Write_Parameter calls were addressed to and received by the IC within a time frame of
approximately 41ms, a No Data/Parameter Exchange status is detected and signaled at LED1.
If the respective flags are set in the EEPROM, the communication monitor can also act as communication
watchdog that initiates a complete IC reset after expiration of the watchdog timer. The watchdog mode can also
be activated and deactivated by a signal at parameter port pin P0. See section 4.15 for more detailed information.
3.3.13. Write Protection of ID_Code_Extension_1
As defined in the AS-Interface Complete Specification V3.0, the ASI4U/ASI4U-E/ASI4U-F also supports write
protection for ID_Code_Extension_1. This feature allows the activation of new manufacturer-protected slave
profiles and is enabled by an EEPROM setting. For more details, see section 4.17.
3.3.14. Summary of Master Calls
Table 3.2 and the diagram on the following page show the complete set of Master calls that are decoded by the
ASI4U/ASI4U-E/ASI4U-F in Slave Mode. The "Enter Program Mode" call is intended for programming of the IC by
the slave manufacturer only. It becomes deactivated as soon as the Program_Mode_Disable flag is set in the
“Firmware Area” block of the EEPROM.
Important note regarding full compliance with the AS-Interface Complete Specification: In order to achieve full
compliance to the AS-Interface Complete Specification, the Program_Mode_Disable flag must be set by the
manufacturer of AS-i slave modules during the final manufacturing and configuration process and before an
AS-i slave device is delivered to field application users.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com