| Electronic Components Datasheet Search |
|
ASI4U Datasheet(PDF) 45 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ASI4U Datasheet(HTML) 45 Page - Renesas Technology Corp |
|
45 / 71 page ![]() ASI4U / ASI4U-E / ASI4U-F Datasheet © 2016 Integrated Device Technology, Inc. 45 January 26, 2016 Figure 4.10 Flowchart – Data_Exchange_Disable Safety_Mode Sync_Enable Filter_Enable Data_Exchange_Disable >=1 & 4.7.7. Master, Repeater, and Monitor Modes In the Master, Repeater, and Monitor Modes, the configurations of the data input and data output ports are different than in Slave Mode. The control signals defined in Table 4.17 are provided at the data input port in the Master, Repeater, and Monitor Modes. Table 4.17 Control Signal Inputs in the Master, Repeater, and Monitor Modes DATA INPUT PORT SIGNAL NAME DESCRIPTION DI0 invert_ird_a If the signals invert_ird_a and invert_ird_b are not equal, the IRD input signal is inverted before further processing. See Table 4.6. DI1 invert_ird_b DI2 invert_led1_a If the signals invert_led1_a and invert_led1_b are not equal, the LED1 output signal is inverted after processing. See Table 4.21. DI3 invert_led1_b Note: The complemented definition is designed to retain backward compatibility to A²SI-based AS-i Master designs. The Data Output Port is used exclusively in Monitor Mode to provide additional UART error signals. The signals are defined to be active LOW and will be set immediately after a telegram error was detected. They become reset at the beginning of the next telegram. The signals described in Table 4.18 are available: Table 4.18 Error Signal Outputs in Monitor Mode DATA PORT OUTPUT UART ERROR SIGNAL DESCRIPTION DO0 plscod_err Pulse Code Error Indicates faulty AS-i pulses. This is a disjunction of alternation error, start bit error and end bit error. See section 4.12.1. DO1 no_info_err No Information Error Length Error The output signal is a disjunction of No_Information_Error and Length_Error as defined in the AS-Interface Complete Spec V3.0. The Monitor Mode does not distinguish between synchronized and non-synchronized UART Mode. There is always only one bit time supervised after the end of a telegram. DO2 parb_err Parity Bit Error Received parity bit does not match the check sum calculated by the UART. DO3 ird_man_err Manchester-II-Code Error at IRD input Signal at IRD input violates Manchester-II-coding rules. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |