Electronic Components Datasheet Search
  English  ▼

X  

ASI4U Datasheet(PDF) 64 Page - Renesas Technology Corp

Part # ASI4U
Description  AS-Interface Spec. V3.0 Compliant Universal AS-i IC
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ASI4U Datasheet(HTML) 64 Page - Renesas Technology Corp

Back Button ASI4U Datasheet HTML 60Page - Renesas Technology Corp ASI4U Datasheet HTML 61Page - Renesas Technology Corp ASI4U Datasheet HTML 62Page - Renesas Technology Corp ASI4U Datasheet HTML 63Page - Renesas Technology Corp ASI4U Datasheet HTML 64Page - Renesas Technology Corp ASI4U Datasheet HTML 65Page - Renesas Technology Corp ASI4U Datasheet HTML 66Page - Renesas Technology Corp ASI4U Datasheet HTML 67Page - Renesas Technology Corp ASI4U Datasheet HTML 68Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 71 page
background image
ASI4U / ASI4U-E / ASI4U-F Datasheet
© 2016 Integrated Device Technology, Inc.
64
January 26, 2016
6
Package Specifications
6.1. Package Pin Assignment
Table 6.1
ASI4U Package Pin List
Note: All open drain outputs are NMOS based. Pull-up properties at input stages are achieved by current sources referenced
to U5R.
PIN
NAME
DIRECTION
TYPE
DESCRIPTION
1
ASIP
IN
Analog
AS-i transmitter/receiver input; to be connected to the ASI+
lead of the AS-i cable via a reverse-polarity protection diode
2
ASIN
OUT
Analog
AS-i transmitter/receiver output; to be connected to the ASI-
lead of the AS-i cable
3
0V
Supply
IC ground; common ground for all IC ports except ASIP and
ASIN; to be connected to ASIN if no external coils are used
4
IRD
IN
Analog / CMOS (5V)
Addressing Channel input
5
FID
IN
Pull-up
Peripheral fault input
6
OSC2
OUT
Analog (5V)
Crystal oscillator
7
OSC1
IN
Analog / CMOS (5V)
Crystal oscillator / external clock input
8
DO3
OUT
Open drain
Data port output D3
9
DO2
OUT
Open drain
Data port output D2
10
DO1
OUT
Open drain
Data port output D1
11
DO0
OUT
Open drain
Data port output D0
12
GND
Supply
Digital I/O ground; to be connected to 0V
13
P3
I/O
Pull-up / open drain
Parameter port P3
14
P2
I/O
Pull-up / open drain
Parameter port P2 / Receive Strobe output in Master Mode
15
P1
I/O
Pull-up / open drain
Parameter port P1 / Power Fail output in Master Mode
16
P0
I/O
Pull-up / open drain
Parameter port P0 / data clock output in Master Mode
17
DI0
IN
Pull-up
Data port input D0
18
DI1
IN
Pull-up
Data port input D1
19
DI2
IN
Pull-up
Data port input D2
20
DI3
IN
Pull-up
Data port input D3
21
PST
I/O
Pull-up / open drain
Parameter strobe output (input function used for IC test
purposes only)
22
DSR
I/O
Pull-up / open drain
Data strobe output / reset input
23
LED2
OUT
Open drain
Enhanced diagnosis LED output; to be activated by the
Enhanced_Status_Indication flag in the Firmware Area
of the EEPROM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com