Electronic Components Datasheet Search
  English  ▼

X  

ASM330LHB Datasheet(PDF) 50 Page - STMicroelectronics

Part # ASM330LHB
Description  High-accuracy automotive 6-axis inertial module for car electronic control units
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ASM330LHB Datasheet(HTML) 50 Page - STMicroelectronics

Back Button ASM330LHB Datasheet HTML 46Page - STMicroelectronics ASM330LHB Datasheet HTML 47Page - STMicroelectronics ASM330LHB Datasheet HTML 48Page - STMicroelectronics ASM330LHB Datasheet HTML 49Page - STMicroelectronics ASM330LHB Datasheet HTML 50Page - STMicroelectronics ASM330LHB Datasheet HTML 51Page - STMicroelectronics ASM330LHB Datasheet HTML 52Page - STMicroelectronics ASM330LHB Datasheet HTML 53Page - STMicroelectronics ASM330LHB Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 131 page
background image
9.15
CTRL4_C (13h)
Control register 4 (R/W)
Table 49. CTRL4_C register
0(1)
SLEEP_G
INT2_on
_INT1
0(1)
DRDY_MASK
I2C_disable
LPF1_SEL_G
0(1)
1. This bit must be set to 0 for the correct operation of the device.
Table 50. CTRL4_C register description
SLEEP_G
Enables gyroscope sleep mode. Default value:0
(0: disabled; 1: enabled)
INT2_on_INT1
All interrupt signals available on INT1 pin enable. Default value: 0
(0: interrupt signals divided between INT1 and INT2 pins;
1: all interrupt signals in logic or on INT1 pin)
DRDY_MASK
Enables data available
(0: disabled;
1: mask DRDY on pin (both accelerometer and gyroscope) until filter settling ends (accelerometer and
gyroscope independently masked).
I2C_disable
Disables I²C interface. Default value: 0
(0: SPI, I²C and MIPI I3CSM interfaces enabled (default); 1: I²C interface disabled)
LPF1_SEL_G
Enables gyroscope digital LPF1; the bandwidth can be selected through FTYPE[2:0] in CTRL6_C (15h).
(0: disabled; 1: enabled)
ASM330LHB
CTRL4_C (13h)
DS13773 - Rev 7
page 50/131



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com