Electronic Components Datasheet Search
  English  ▼

X  

ASM330LHB Datasheet(PDF) 69 Page - STMicroelectronics

Part # ASM330LHB
Description  High-accuracy automotive 6-axis inertial module for car electronic control units
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ASM330LHB Datasheet(HTML) 69 Page - STMicroelectronics

Back Button ASM330LHB Datasheet HTML 65Page - STMicroelectronics ASM330LHB Datasheet HTML 66Page - STMicroelectronics ASM330LHB Datasheet HTML 67Page - STMicroelectronics ASM330LHB Datasheet HTML 68Page - STMicroelectronics ASM330LHB Datasheet HTML 69Page - STMicroelectronics ASM330LHB Datasheet HTML 70Page - STMicroelectronics ASM330LHB Datasheet HTML 71Page - STMicroelectronics ASM330LHB Datasheet HTML 72Page - STMicroelectronics ASM330LHB Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 131 page
background image
9.46
MD1_CFG (5Eh)
Functions routing to INT1 pin register (R/W)
Table 123. MD1_CFG register
INT1_SLEEP
_CHANGE
0(1)
INT1_WU
INT1_FF
0(1)
INT1_6D
INT1_
EMB_FUNC
0(1)
1. This bit must be set to 0 for the correct operation of the device.
Table 124. MD1_CFG register description
INT1_SLEEP_CHANGE(1)
Routing activity/inactivity recognition event to INT1. Default: 0
(0: routing activity/inactivity event to INT1 disabled;
1: routing activity/inactivity event to INT1 enabled)
INT1_WU
Routing wake-up event to INT1. Default value: 0
(0: routing wake-up event to INT1 disabled;
1: routing wake-up event to INT1 enabled)
INT1_FF
Routing free-fall event to INT1. Default value: 0
(0: routing free-fall event to INT1 disabled;
1: routing free-fall event to INT1 enabled)
INT1_6D
Routing 6D event to INT1. Default value: 0
(0: routing 6D event to INT1 disabled;
1: routing 6D event to INT1 enabled)
INT1_EMB_FUNC
Routing embedded functions event to INT1. Default value: 0
(0: routing embedded functions event to INT1 disabled;
1: routing embedded functions event to INT1 enabled)
1. Activity/inactivity interrupt mode (sleep change or sleep status) depends on the SLEEP_STATUS_ON_INT bit in the
INT_CFG0 (56h) register.
ASM330LHB
MD1_CFG (5Eh)
DS13773 - Rev 7
page 69/131



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com