Electronic Components Datasheet Search
  English  ▼

X  

ASM330LHB Datasheet(PDF) 26 Page - STMicroelectronics

Part # ASM330LHB
Description  High-accuracy automotive 6-axis inertial module for car electronic control units
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ASM330LHB Datasheet(HTML) 26 Page - STMicroelectronics

Back Button ASM330LHB Datasheet HTML 22Page - STMicroelectronics ASM330LHB Datasheet HTML 23Page - STMicroelectronics ASM330LHB Datasheet HTML 24Page - STMicroelectronics ASM330LHB Datasheet HTML 25Page - STMicroelectronics ASM330LHB Datasheet HTML 26Page - STMicroelectronics ASM330LHB Datasheet HTML 27Page - STMicroelectronics ASM330LHB Datasheet HTML 28Page - STMicroelectronics ASM330LHB Datasheet HTML 29Page - STMicroelectronics ASM330LHB Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 131 page
background image
Command
Command code Default
Description
GETBCR
0x8E
0x07
(1 byte)
Bus characteristics register
GETDCR
0x8F
0x00
MIPI I3CSM device characteristics register
GETSTATUS
0x90
0x00
0x00
(2 byte)
Status register
GETMXDS
0x94
0x00
0x38
(2 byte)
Return max data speed(1)
1. Bits[5:3] are set to "111" which indicates that Tsco is greater than 12 nsec. To calculate the effective bus frequency, Tsco
should be used together with line capacitance, number of slaves and stubs (if present).
ASM330LHB
MIPI I3CSM interface
DS13773 - Rev 7
page 26/131



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com