Electronic Components Datasheet Search
  English  ▼

X  

ASM330LHB Datasheet(PDF) 36 Page - STMicroelectronics

Part # ASM330LHB
Description  High-accuracy automotive 6-axis inertial module for car electronic control units
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ASM330LHB Datasheet(HTML) 36 Page - STMicroelectronics

Back Button ASM330LHB Datasheet HTML 32Page - STMicroelectronics ASM330LHB Datasheet HTML 33Page - STMicroelectronics ASM330LHB Datasheet HTML 34Page - STMicroelectronics ASM330LHB Datasheet HTML 35Page - STMicroelectronics ASM330LHB Datasheet HTML 36Page - STMicroelectronics ASM330LHB Datasheet HTML 37Page - STMicroelectronics ASM330LHB Datasheet HTML 38Page - STMicroelectronics ASM330LHB Datasheet HTML 39Page - STMicroelectronics ASM330LHB Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 131 page
background image
Table 18. Internal pin status
Pin #
Name
Pin function
Pin status
1
SDO
SPI 4-wire interface serial data output (SDO)
Default: input without pull-up
Pull-up is enabled if bit SDO_PU_EN = 1 in register PIN_CTRL (02h).
SA0
I²C least significant bit of the device address (SA0)
MIPI I3CSM least significant bit of the static address (SA0)
2
MSDA
Connect to Vdd_IO or GND
Default: input without pull-up (see Note to enable pull-up)
3
MSCL
Connect to Vdd_IO or GND
Default: input without pull-up (see Note to enable pull-up)
4
INT1
Programmable interrupt 1.
If device is used as MIPI I3CSM pure slave, this pin must be set to 1.
Default: input with pull-down(1)
Pull-down is disabled if bit PD_DIS_INT1 = 1 in register I3C_BUS_AVB
(62h).
5
Vdd_IO
Power supply for I/O pins
6
NC
Connect to Vdd_IO or GND or leave unconnected
7
GND
0 V supply
8
Vdd
Power supply
9
INT2
Programmable interrupt 2 (INT2) / data enabled (DEN)
Default: output forced to ground
10
NC
Leave unconnected
11
NC
Leave unconnected
12
CS
I²C and MIPI I3CSM/SPI mode selection
(1:SPI idle mode / I²C and MIPI I3CSM communication enabled;
0: SPI communication mode / I²C and MIPI I3CSM disabled)
Default: input with pull-up
Pull-up is disabled if bit I2C_disable = 1 in register CTRL4_C (13h)
and I3C_disable = 1 in register CTRL9_XL (18h).
13
SCL
I²C/MIPI I3CSM serial clock (SCL) / SPI serial port clock (SPC)
Default: input without pull-up
14
SDA
I²C/MIPI I3CSM serial data (SDA) /
SPI serial data input (SDI) /
3-wire interface serial data output (SDO)
Default: input without pull-up
1. INT1 must be set to 0 or left unconnected during power-on if the I²C/SPI interfaces are used.
Internal pull-up value is from 30 kΩ to 50 kΩ, depending on Vdd_IO.
Note:
The procedure to enable the pull-up on pins 2 and 3 is as follows:
1. From the primary I²C/I3C/SPI interface: write 40h in register at address 01h
2. From the primary I²C/I3C/SPI interface: write 08h in register at address 14h (enable the pull-up on pins 2 and 3)
3. From the primary I²C/I3C/SPI interface: write 00h in register at address 01h
ASM330LHB
ASM330LHB electrical connections
DS13773 - Rev 7
page 36/131



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com