Electronic Components Datasheet Search
  English  ▼

X  

ASM330LHB Datasheet(PDF) 67 Page - STMicroelectronics

Part # ASM330LHB
Description  High-accuracy automotive 6-axis inertial module for car electronic control units
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ASM330LHB Datasheet(HTML) 67 Page - STMicroelectronics

Back Button ASM330LHB Datasheet HTML 63Page - STMicroelectronics ASM330LHB Datasheet HTML 64Page - STMicroelectronics ASM330LHB Datasheet HTML 65Page - STMicroelectronics ASM330LHB Datasheet HTML 66Page - STMicroelectronics ASM330LHB Datasheet HTML 67Page - STMicroelectronics ASM330LHB Datasheet HTML 68Page - STMicroelectronics ASM330LHB Datasheet HTML 69Page - STMicroelectronics ASM330LHB Datasheet HTML 70Page - STMicroelectronics ASM330LHB Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 131 page
background image
9.42
THS_6D (59h)
Portrait/landscape position register (R/W)
Table 115. THS_6D register
D4D_EN
SIXD_THS1
SIXD_THS0
0(1)
0(1)
0(1)
0(1)
0(1)
1. This bit must be set to 0 for the correct operation of the device.
Table 116. THS_6D register description
D4D_EN
Enables detection of 4D orientation. Z-axis position detection is disabled. Default value: 0
(0: disabled; 1: enabled)
SIXD_THS[1:0]
Threshold for 4D/6D function
(00: 80 degrees (default);
01: 70 degrees;
10: 60 degrees;
11: 50 degrees)
9.43
WAKE_UP_THS (5Bh)
Wake-up configuration register (R/W)
Table 117. WAKE_UP_THS register
0(1)
USR_OFF_
ON_WU
WK_THS5
WK_THS4
WK_THS3
WK_THS2
WK_THS1
WK_THS0
1. This bit must be set to 0 for the correct operation of the device.
Table 118. WAKE_UP_THS register description
USR_OFF_ON_WU
Sends the low-pass filtered data with user offset correction (instead of high-pass filtered data) to the
wake-up and the activity/inactivity functions. Default value: 0
WK_THS[5:0]
Threshold for wake-up: 1 LSB weight depends on WAKE_THS_W in WAKE_UP_DUR (5Ch). Default
value: 000000
ASM330LHB
THS_6D (59h)
DS13773 - Rev 7
page 67/131



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com