Electronic Components Datasheet Search
  English  ▼

X  

ASM330LHB Datasheet(PDF) 66 Page - STMicroelectronics

Part # ASM330LHB
Description  High-accuracy automotive 6-axis inertial module for car electronic control units
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ASM330LHB Datasheet(HTML) 66 Page - STMicroelectronics

Back Button ASM330LHB Datasheet HTML 62Page - STMicroelectronics ASM330LHB Datasheet HTML 63Page - STMicroelectronics ASM330LHB Datasheet HTML 64Page - STMicroelectronics ASM330LHB Datasheet HTML 65Page - STMicroelectronics ASM330LHB Datasheet HTML 66Page - STMicroelectronics ASM330LHB Datasheet HTML 67Page - STMicroelectronics ASM330LHB Datasheet HTML 68Page - STMicroelectronics ASM330LHB Datasheet HTML 69Page - STMicroelectronics ASM330LHB Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 131 page
background image
9.40
INT_CFG0 (56h)
Activity/inactivity functions, configuration of filtering, and interrupt latch mode configuration (R/W)
Table 111. INT_CFG0 register
0(1)
INT_CLR_
ON_READ
SLEEP_
STATUS_ON
_INT
SLOPE_
FDS
0(1)
0(1)
0(1)
LIR
1. This bit must be set to 0 for the correct operation of the device.
Table 112. INT_CFG0 register description
INT_CLR_ON_READ
This bit allows immediately clearing the latched interrupts of an event detection upon the read of
the corresponding status register. It must be set to 1 together with LIR. Default value: 0
(0: latched interrupt signal cleared at the end of the ODR period;
1: latched interrupt signal immediately cleared)
SLEEP_STATUS_ON_INT
Activity/inactivity interrupt mode configuration.
If INT1_SLEEP_CHANGE or INT2_SLEEP_CHANGE bits are enabled, drives the sleep status or
sleep change on INT pins. Default value: 0
(0: sleep change notification on INT pins; 1: sleep status reported on INT pins)
SLOPE_FDS
HPF or SLOPE filter selection on wake-up and activity/inactivity functions. Default value: 0
(0: SLOPE filter applied; 1: HPF applied)
LIR
Latched interrupt. Default value: 0
(0: interrupt request not latched; 1: interrupt request latched)
9.41
INT_CFG1 (58h)
Enable interrupt function register (R/W)
Table 113. INT_CFG1 register
INTERRUPTS_
ENABLE
INACT_EN1
INACT_EN0
0(1)
0(1)
0(1)
0(1)
0(1)
1. This bit must be set to 0 for the correct operation of the device.
Table 114. INT_CFG1 register description
INTERRUPTS_ENABLE
Enables hardcoded functions
INACT_EN[1:0]
Enables activity/inactivity (sleep) function. Default value: 00
(00: stationary/motion-only interrupts generated, accelerometer and gyroscope do not change;
01: sets accelerometer ODR to 12.5 Hz (low-power mode), gyroscope does not change;
10: sets accelerometer ODR to 12.5 Hz (low-power mode), gyroscope to sleep mode;
11: sets accelerometer ODR to 12.5 Hz (low-power mode), gyroscope to power-down mode)
ASM330LHB
INT_CFG0 (56h)
DS13773 - Rev 7
page 66/131



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com