Electronic Components Datasheet Search
  English  ▼

X  

ASM330LHB Datasheet(PDF) 38 Page - STMicroelectronics

Part # ASM330LHB
Description  High-accuracy automotive 6-axis inertial module for car electronic control units
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ASM330LHB Datasheet(HTML) 38 Page - STMicroelectronics

Back Button ASM330LHB Datasheet HTML 34Page - STMicroelectronics ASM330LHB Datasheet HTML 35Page - STMicroelectronics ASM330LHB Datasheet HTML 36Page - STMicroelectronics ASM330LHB Datasheet HTML 37Page - STMicroelectronics ASM330LHB Datasheet HTML 38Page - STMicroelectronics ASM330LHB Datasheet HTML 39Page - STMicroelectronics ASM330LHB Datasheet HTML 40Page - STMicroelectronics ASM330LHB Datasheet HTML 41Page - STMicroelectronics ASM330LHB Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 131 page
background image
Name
Type
Register address
Default
Comment
Hex
Binary
OUTZ_H_G
R
27
00100111
output
OUTX_L_A
R
28
00101000
output
OUTX_H_A
R
29
00101001
output
OUTY_L_A
R
2A
00101010
output
OUTY_H_A
R
2B
00101011
output
OUTZ_L_A
R
2C
00101100
output
OUTZ_H_A
R
2D
00101101
output
RESERVED
-
2E-34
Reserved
EMB_FUNC_STATUS_MAINPAGE
R
35
00110101
output
FSM_STATUS_A_MAINPAGE
R
36
00110110
output
FSM_STATUS_B_MAINPAGE
R
37
00110111
output
MLC_STATUS_MAINPAGE
R
38
00111000
output
RESERVED
-
39
Reserved
FIFO_STATUS1
R
3A
00111010
output
FIFO_STATUS2
R
3B
00111011
output
RESERVED
-
3C-3F
Reserved
TIMESTAMP0_REG
R
40
01000000
output
TIMESTAMP1_REG
R
41
01000001
output
TIMESTAMP2_REG
R
42
01000010
output
TIMESTAMP3_REG
R
43
01000011
output
RESERVED
-
44-55
Reserved
INT_CFG0
R/W
56
01010110
00000000
RESERVED
-
57
Reserved
INT_CFG1
R/W
58
01011000
00000000
THS_6D
R/W
59
01011001
00000000
RESERVED
-
5A
Reserved
WAKE_UP_THS
R/W
5B
01011011
00000000
WAKE_UP_DUR
R/W
5C
01011100
00000000
FREE_FALL
R/W
5D
01011101
00000000
MD1_CFG
R/W
5E
01011110
00000000
MD2_CFG
R/W
5F
01011111
00000000
RESERVED
-
60-61
00000000
Reserved
I3C_BUS_AVB
R/W
62
01100010
00000000
INTERNAL_FREQ_FINE
R
63
01100011
output
RESERVED
-
64-72
Reserved
X_OFS_USR
R/W
73
01110011
00000000
Y_OFS_USR
R/W
74
01110100
00000000
Z_OFS_USR
R/W
75
01110101
00000000
RESERVED
-
76-77
Reserved
FIFO_DATA_OUT_TAG
R
78
01111000
output
ASM330LHB
Register map
DS13773 - Rev 7
page 38/131



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com