Electronic Components Datasheet Search
  English  ▼

X  

DA7212 Datasheet(PDF) 36 Page - Renesas Technology Corp

Part # DA7212
Description  Ultra-Low Power Stereo Codec
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7212 Datasheet(HTML) 36 Page - Renesas Technology Corp

Back Button DA7212 Datasheet HTML 32Page - Renesas Technology Corp DA7212 Datasheet HTML 33Page - Renesas Technology Corp DA7212 Datasheet HTML 34Page - Renesas Technology Corp DA7212 Datasheet HTML 35Page - Renesas Technology Corp DA7212 Datasheet HTML 36Page - Renesas Technology Corp DA7212 Datasheet HTML 37Page - Renesas Technology Corp DA7212 Datasheet HTML 38Page - Renesas Technology Corp DA7212 Datasheet HTML 39Page - Renesas Technology Corp DA7212 Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 136 page
background image
DA7212
Ultra-Low Power Stereo Codec
Datasheet
Revision 3.5
05-Jan-2022
CFR0011-120-00
36 of 135
© 2022 Renesas Electronics
13.10 Output Signal Chain
The DA7212 has two audio outputs. These are a stereo Class-G headphone driver, and a mono
Class-AB speaker driver. Two output mixers allow mixing of signals from the DACs and the analogue
bypass paths, with output going to any or all of the three output PGAs. These output paths are
illustrated in Figure 11.
from DAC_L
from AUX_L_AMP
from MIXIN_L
from DAC_R
from MIXIN_R
HP_L
HP_R
SP_P
SP_N
HP_L_AMP
HP_R_AMP
-57dB to +6dB
in 1dB steps
from AUX_R_AMP
-48dB to +15dB
in 1dB steps
LINE_AMP
-57dB to +6dB
in 1dB steps
Figure 11: Analogue output signal paths and gain ranges
13.11 Stereo Audio DAC
The integrated stereo DAC is suitable for high quality audio playback by MP3 players and by portable
multimedia players of all kinds.
The left and right channels of the DAC can be individually enabled using controls DAC_L_EN and
DAC_R_EN.
Each channel includes individual gain settings that are controllable in 0.75 dB steps from -78 dB to
12 dB using DAC_L_DIGITAL_GAIN_STATUS and DAC_R_DIGITAL_GAIN_STATUS. The currently
active gain settings are stored in DAC_L_GAIN_STATUS and DAC_R_GAIN_STATUS registers.
On the dedicated DAC_L_CTRL and DAC_R_CTRL registers, settings such as mute and ramping of
gain changes can be configured. If ramping is enabled using the control bits DAC_L_RAMP_EN or
DAC_R_RAMP_EN, the rate of the ramping can be controlled using GAIN_RAMP_RATE.
A digital high-pass filter for each DAC channel is implemented with a 3 dB cut-off frequency
controlled by DAC_AUDIO_HPF_CORNER. The high-pass filter is enabled by control
DAC_HPF_EN. After Reset, the high pass filters for both channels are enabled by default.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com