Electronic Components Datasheet Search
  English  ▼

X  

DA7212 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # DA7212
Description  Ultra-Low Power Stereo Codec
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7212 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button DA7212 Datasheet HTML 35Page - Renesas Technology Corp DA7212 Datasheet HTML 36Page - Renesas Technology Corp DA7212 Datasheet HTML 37Page - Renesas Technology Corp DA7212 Datasheet HTML 38Page - Renesas Technology Corp DA7212 Datasheet HTML 39Page - Renesas Technology Corp DA7212 Datasheet HTML 40Page - Renesas Technology Corp DA7212 Datasheet HTML 41Page - Renesas Technology Corp DA7212 Datasheet HTML 42Page - Renesas Technology Corp DA7212 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 136 page
background image
DA7212
Ultra-Low Power Stereo Codec
Datasheet
Revision 3.5
05-Jan-2022
CFR0011-120-00
39 of 135
© 2022 Renesas Electronics
When CP_MCHANGE is set to 10 (tracking DAC signal size, described in Table 26) or
CP_MCHANGE is set to 11 (tracking the output signal size), the charge pump switches its supply
between the VDD_A rail and the VDD_A/2 rail depending on its power requirements.
When low output voltages are needed, the charge pump saves power by using the lower-voltage
VDD_A /2 rail.
The switching point between using the VDD_A rail and the VDD_A/2 rail is determined by the
CP_THRESH_VDD2 register setting. The switching points determined by CP_THRESH_VDD2 vary
between the two CP_MCHANGE modes, and are summarised in Table 27 and Table 28.
When the charge pump output voltage is controlled manually (CP_MCHANGE = 00) or when it is
tracking the PGA gain settings (CP_MCHANGE = 01), the charge pump always takes its supply from
VDD_CP.
Table 27: CP_THRESH_VDD2 settings in DAC_VOL mode (CP_MCHANGE = 10)
CP_THRESH_VDD2 setting
Approximate switching
point (Note 14)
Notes
0x01
-30 dBFS
Do not use. Very power-inefficient as nearly
always VDD/1
0x03
-24 dBFS
Not recommended. Very power-inefficient as
nearly always VDD/1
0x07
-18 dBFS
Good to use but not power efficient
0x0E
-12 dBFS
Good to use
0x10
-10 dBFS
Recommended setting
0x3F
– 0x13
Not recommended



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com