Electronic Components Datasheet Search
  English  ▼

X  

DA7212 Datasheet(PDF) 90 Page - Renesas Technology Corp

Part # DA7212
Description  Ultra-Low Power Stereo Codec
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7212 Datasheet(HTML) 90 Page - Renesas Technology Corp

Back Button DA7212 Datasheet HTML 86Page - Renesas Technology Corp DA7212 Datasheet HTML 87Page - Renesas Technology Corp DA7212 Datasheet HTML 88Page - Renesas Technology Corp DA7212 Datasheet HTML 89Page - Renesas Technology Corp DA7212 Datasheet HTML 90Page - Renesas Technology Corp DA7212 Datasheet HTML 91Page - Renesas Technology Corp DA7212 Datasheet HTML 92Page - Renesas Technology Corp DA7212 Datasheet HTML 93Page - Renesas Technology Corp DA7212 Datasheet HTML 94Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 136 page
background image
DA7212
Ultra-Low Power Stereo Codec
Datasheet
Revision 3.5
05-Jan-2022
CFR0011-120-00
90 of 135
© 2022 Renesas Electronics
Register
address
Bit
Type
Label
Default
Description
0x44
DAC_FILTE
RS1
7
R/W
DAC_HPF_EN
1
DAC High Pass filter enable:
0 = disabled
1 = enabled
6
R/W
(reserved)
0
5:4
R/W
DAC_AUDIO_H
PF_CORNER
00
Cut-off frequency at the 3 dB for the High
Pass Filter at 48 kHz
(for other frequencies see Table 30):
00 = 2 Hz
01 = 4 Hz
10 = 8 Hz
11 = 16 Hz
3
R/W
DAC_VOICE_E
N
0
DAC voice filter enable:
0 = disabled
1 = enabled
This DAC Voice Filter control overrides the 5-
band EQ setting in DAC_EQ_EN
2:0
R/W
DAC_VOICE_H
PF_CORNER
000
Cut-off frequency at the 3 dB for the Voice
Filter at 8 kHz
(for other frequencies see Table 31):
000 = 2.5 Hz
001 = 25 Hz
010 = 50 Hz
011 = 100 Hz
100 = 150 Hz
101 = 200 Hz
110 = 300 Hz
111 = 400 Hz
Register
address
Bit
Type
Label
Default
Description
0x45
DAC_L_GAI
N
7
R/W
(reserved)
0
6:0
R/W
DAC_L_DIGITA
L_GAIN
1101111
DAC left digital gain (0.75 dB step):
0000000 to 0000111 = mute
0001000 = -77.25 dB
0001001 = -76.50 dB
0001010 = -75.75 dB
continuing in +0.75 dB steps to
1111110 = 11.25 dB
1111111 = 12.00 dB
Note: 1101111 = 0 dB (default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com