Electronic Components Datasheet Search
  English  ▼

X  

DA7212 Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # DA7212
Description  Ultra-Low Power Stereo Codec
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7212 Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button DA7212 Datasheet HTML 45Page - Renesas Technology Corp DA7212 Datasheet HTML 46Page - Renesas Technology Corp DA7212 Datasheet HTML 47Page - Renesas Technology Corp DA7212 Datasheet HTML 48Page - Renesas Technology Corp DA7212 Datasheet HTML 49Page - Renesas Technology Corp DA7212 Datasheet HTML 50Page - Renesas Technology Corp DA7212 Datasheet HTML 51Page - Renesas Technology Corp DA7212 Datasheet HTML 52Page - Renesas Technology Corp DA7212 Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 136 page
background image
DA7212
Ultra-Low Power Stereo Codec
Datasheet
Revision 3.5
05-Jan-2022
CFR0011-120-00
49 of 135
© 2022 Renesas Electronics
Figure 19: Equaliser filter band 5 frequency response at FS = 48 kHz
13.23 Soft Mute
To improve the user’s perception of audio reconfigurations, the DAC channel signals may be soft
muted by asserting the control DAC_SOFTMUTE_EN. The soft mute function attenuates the digital
input to the DAC, ramping the gain down in steps of 0.1875 dB from its current level to -77.25 dB,
then completely muting the channel. When DAC_SOFTMUTE_EN is released, the attenuation is set
to 77.25 dB, and then ramped up to the previous gain level. Both left and right channels of Soft Mute
enabled output amplifiers are muted simultaneously. The ramping up and down rate is dependent on
the audio sample rate and can be individually configured using control DAC_SOFTMUTE_RATE.
During active soft muting, the digital gain of the DAC will be different to the value programmed inside
controls DAC_L_DIGITAL_GAIN_STATUS and DAC_R_DIGITAL_GAIN_STATUS.
13.24 Playback Noise-Gate
Noise-gate is an automatic gain control for DAC playback that reduces the noise heard during
playback if no signal is present. It is enabled using the DAC_NG_EN control.
When the output signals on both channels are below a given threshold level, and they stay low for
longer than a specified period, then playback noise-gate is activated. When the playback noise-gate
activates, the gain on the active HP and Line amplifiers are ramped down to their lowest levels. This
is equivalent to asserting the minimum-gain controls HP_L_AMP_MIN_GAIN_EN,
HP_R_AMP_MIN_GAIN_EN and LINE_AMP_MIN_GAIN_EN.
The Noise-Gate Threshold Level can be specified in 6 dB steps from 90 dB to 48 dB. The Noise-
Gate Threshold Time ranges from 256 samples to 2048 samples and is set using the control
DAC_NG_SETUP_TIME.
When the averaged level of the two channels exceeds the release threshold configured in
DAC_NG_OFF_THRESHOLD, the gain of the amplifiers is ramped up back to its original value.
When the average level of the two channels is below the attack threshold configured in
DAC_NG_ON_THRESHOLD for longer than the time specified in DAC_NG_SETUP_TIME, the gain
is ramped down to its minimum value.
The attack and release rate can be configured via controls DAC_NG_RAMPDN_RATE and
DAC_NG_RAMPUP_RATE. The Noise-gate release time is usually much faster than the attack time,
to allow a proper playback as soon as a signal is present at the output amplifiers.
13.25 Clock Modes
The DA7212 requires a clock for operation of various circuits within the chip. There are four ways in
which the main system clock may be generated:
● PLL bypass mode: If digital playback or record is required, the MCLK frequency should be set to
one of 11.2896/12.288 MHz or 22.5792/24.576 MHz or 45.1584/49.152 MHz (Note 17). The
PLL_INDIV register bit must then be programmed accordingly
● Normal PLL mode: Alternative frequency clock applied to MCLK pin (in the range of 2 to 50
MHz), where MCLK is synchronous with WCLK, or Master Mode is enabled
● SRM PLL mode: Clock applied to MCLK pin (in the range of 2 to 50 MHz) is asynchronous to
WCLK
● 32 kHz mode: Watch crystal frequency (32.768 kHz) clock applied to MCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com