Electronic Components Datasheet Search
  English  ▼

X  

DA7212 Datasheet(PDF) 65 Page - Renesas Technology Corp

Part # DA7212
Description  Ultra-Low Power Stereo Codec
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7212 Datasheet(HTML) 65 Page - Renesas Technology Corp

Back Button DA7212 Datasheet HTML 61Page - Renesas Technology Corp DA7212 Datasheet HTML 62Page - Renesas Technology Corp DA7212 Datasheet HTML 63Page - Renesas Technology Corp DA7212 Datasheet HTML 64Page - Renesas Technology Corp DA7212 Datasheet HTML 65Page - Renesas Technology Corp DA7212 Datasheet HTML 66Page - Renesas Technology Corp DA7212 Datasheet HTML 67Page - Renesas Technology Corp DA7212 Datasheet HTML 68Page - Renesas Technology Corp DA7212 Datasheet HTML 69Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 136 page
background image
DA7212
Ultra-Low Power Stereo Codec
Datasheet
Revision 3.5
05-Jan-2022
CFR0011-120-00Error! Unknown document property name.
65 of 135
© 2022 Dialog Semiconductor
14 Register definitions
14.1 Register map
Addr
Function
7
6
5
4
3
2
1
0
Status registers
0x02
STATUS1
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
0x03
PLL_STATUS
Reserved
Reserved
Reserved
Reserved
PLL_BYPASS_ACTIV
E
PLL_MCLK_STATUS
PLL_SRM_LOCK
PLL_LOCK
0x04
AUX_L_GAIN_STATUS
Reserved
Reserved
AUX_L_AMP_GAIN_STATUS
0x05
AUX_R_GAIN_STATUS
Reserved
Reserved
AUX_R_AMP_GAIN_STATUS
0x06
MIC_1_GAIN_STATUS
Reserved
Reserved
Reserved
Reserved
Reserved
MIC_1_AMP_GAIN_STATUS
0x07
MIC_2_GAIN_STATUS
Reserved
Reserved
Reserved
Reserved
Reserved
MIC_2_AMP_GAIN_STATUS
0x08
MIXIN_L_GAIN_STATUS
Reserved
Reserved
Reserved
Reserved
MIXIN_L_AMP_GAIN_STATUS
0x09
MIXIN_R_GAIN_STATUS
Reserved
Reserved
Reserved
Reserved
MIXIN_R_AMP_GAIN_STATUS
0x0A
ADC_L_GAIN_STATUS
Reserved
ADC_L_DIGITAL_GAIN_STATUS
0x0B
ADC_R_GAIN_STATUS
Reserved
ADC_R_DIGITAL_GAIN_STATUS
0x0C
DAC_L_GAIN_STATUS
Reserved
DAC_L_DIGITAL_GAIN_STATUS
0x0D
DAC_R_GAIN_STATUS
Reserved
DAC_R_DIGITAL_GAIN_STATUS
0x0E
HP_L_GAIN_STATUS
Reserved
Reserved
HP_L_AMP_GAIN_STATUS
0x0F
HP_R_GAIN_STATUS
Reserved
Reserved
HP_R_AMP_GAIN_STATUS
0x10
LINE_GAIN_STATUS
Reserved
Reserved
LINE_AMP_GAIN_STATUS
System initialisation registers
0x1D
CIF_CTRL
CIF_REG_SOFT_
RESET
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
CIF_I2C_WRITE_MOD
E
0x21
DIG_ROUTING_DAI
Reserved
Reserved
DAI_R_SRC
Reserved
Reserved
DAI_L_SRC
0x22
SR
Reserved
Reserved
Reserved
Reserved
SR
0x23
REFERENCES
Reserved
Reserved
VMID_FAST_DISCHA
RGE
VMID_FAST_CHARG
E
BIAS_EN
Reserved
Reserved
Reserved
0x24
PLL_FRAC_TOP
Reserved
Reserved
Reserved
PLL_FBDIV_FRAC_TOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com