Electronic Components Datasheet Search
  English  ▼

X  

DA7212 Datasheet(PDF) 97 Page - Renesas Technology Corp

Part # DA7212
Description  Ultra-Low Power Stereo Codec
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7212 Datasheet(HTML) 97 Page - Renesas Technology Corp

Back Button DA7212 Datasheet HTML 93Page - Renesas Technology Corp DA7212 Datasheet HTML 94Page - Renesas Technology Corp DA7212 Datasheet HTML 95Page - Renesas Technology Corp DA7212 Datasheet HTML 96Page - Renesas Technology Corp DA7212 Datasheet HTML 97Page - Renesas Technology Corp DA7212 Datasheet HTML 98Page - Renesas Technology Corp DA7212 Datasheet HTML 99Page - Renesas Technology Corp DA7212 Datasheet HTML 100Page - Renesas Technology Corp DA7212 Datasheet HTML 101Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 136 page
background image
DA7212
Ultra-Low Power Stereo Codec
Datasheet
Revision 3.5
05-Jan-2022
CFR0011-120-00
97 of 135
© 2022 Renesas Electronics
14.7 Control Registers
Register
address
Bit
Type
Label
Default
Description
0x60
AUX_L_CT
RL
7
R/W
AUX_L_AMP_E
N
0
AUX_L amplifier enable:
0 = disabled
1 = enabled
6
R/W
AUX_L_AMP_M
UTE_EN
1
AUX_L amplifier mute enable:
0 = disabled
1 = enabled
5
R/W
AUX_L_AMP_R
AMP_EN
0
AUX_L amplifier gain ramping enable
(overrides zero crossing):
0 = disabled
1 = enabled
4
R/W
AUX_L_AMP_Z
C_EN
0
AUX_L amplifier zero cross gain update mode
enable:
0 = disabled
1 = enabled
3:2
R/W
AUX_L_AMP_Z
C_SEL
01
Selects where the zero cross detection on the
AUX_L input is measured:
00 = Input of AUX_L amplifier
01 = input of AUX_L amplifier if gain
4.5 dB otherwise on the output
10 = Neither (no zero cross possible)
11 = Output of AUX_L amplifier
1:0
R/W
(reserved)
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com