Electronic Components Datasheet Search
  English  ▼

X  

DA7212 Datasheet(PDF) 57 Page - Renesas Technology Corp

Part # DA7212
Description  Ultra-Low Power Stereo Codec
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7212 Datasheet(HTML) 57 Page - Renesas Technology Corp

Back Button DA7212 Datasheet HTML 53Page - Renesas Technology Corp DA7212 Datasheet HTML 54Page - Renesas Technology Corp DA7212 Datasheet HTML 55Page - Renesas Technology Corp DA7212 Datasheet HTML 56Page - Renesas Technology Corp DA7212 Datasheet HTML 57Page - Renesas Technology Corp DA7212 Datasheet HTML 58Page - Renesas Technology Corp DA7212 Datasheet HTML 59Page - Renesas Technology Corp DA7212 Datasheet HTML 60Page - Renesas Technology Corp DA7212 Datasheet HTML 61Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 136 page
background image
DA7212
Ultra-Low Power Stereo Codec
Datasheet
Revision 3.5
05-Jan-2022
CFR0011-120-00
57 of 135
© 2022 Renesas Electronics
S SLAVEaddr W
A
REG addr
A
SLAVEaddr
A
S = START condition
A = Acknowledge (low)
Sr = Repeated START condition
A
* = Not Acknowledge (NAK)
P = STOP condition
W = Write (low)
R = Read (high)
Master to Slave
7-bits
1-bit
8-bits
7-bits
DATA
A
*
Sr
R
1-bit
8-bits
SLAVEaddr
A
7-bits
DATA
P
S
R
1-bit
8-bits
P
A
*
Slave to Master
S SLAVEaddr W
A
REG addr
P
7-bits
1-bit
8-bits
A
Figure 23: Examples of the I2C byte read (SDA line)
Consecutive (Page Mode) read-out mode (CIF_I2C_WRITE_MODE (0x1D [0]) = 0) is initiated from
the master by sending an Acknowledge instead of Not Acknowledge (NAK) after receipt of the data
word. The I2C control block then increments the address pointer to the next I2C address and sends
the data to the master. This enables an unlimited read of data bytes until the master sends a NAK
directly after the receipt of data, followed by a subsequent STOP condition. If a non-existent I2C
address is read out, the DA7212 will return code zero.
S SLAVEaddr W A
REG addr
A
SLAVEaddr
A
S = START condition
A = Acknowledge (low)
Sr = Repeat START condition
A
* = Not Acknowledge (NAK)
P = STOP condition
W = Write (low)
R = Read (high)
Master to Slave
Slave to Master
7-bits
1 bit
8-bits
7-bits
DATA
A
Sr
R
1-bit
8-bits
S SLAVEaddr W
A
REG addr
A
SLAVEaddr
A
7-bits
1-bit
8-bits
7-bits
DATA
P
S
R
1-bit
8-bits
P
A
A
*
P
DATA
DATA
A
A
*
DATA
8-bits
8-bits
8-bits
Figure 24: Examples of I2C page read (SDA line)
The slave address after the Repeated START condition must be the same as the previous slave
address
Consecutive write-mode (CIF_I2C_WRITE_MODE (0x1D [0]) = 0) is supported if the master sends
several data bytes following a slave register address. The I2C control block then increments the
address pointer to the next I2C address, stores the received data and sends an acknowledge until
the master sends the STOP condition.
S SLAVEaddr W A
REGadr
A
DATA
A
S = START condition
A = Acknowledge (low)
Sr = Repeat START condition
A
* = Not Acknowledge (NAK)
P = STOP condition
W = Write (low)
R = Read (high)
Master to Slave
Slave to Master
7-bits
1 bit
8-bits
8-bits
DATA
A
1-bit
8-bits
A
P
DATA
……….
A
8-bits
Repeated writes
Figure 25: I2C page write (SDA line)
An alternative repeated-write mode that uses non-consecutive slave register addresses is available
using the CIF_I2C_WRITE_MODE register. In this Repeat Mode (CIF_I2C_WRITE_MODE (0x1D
[0]) = 1), the slave can be configured to support a host’s repeated write operations into several non-
consecutive registers. Data is stored at the previously received register address. If a new START or
STOP condition occurs within a message, the bus returns to IDLE mode.
This is illustrated in Figure 26.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com