Electronic Components Datasheet Search
  English  ▼

X  

DA9213 Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # DA9213
Description  Multi-Phase 5A/Phase DC-DC Buck Converter
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9213 Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button DA9213 Datasheet HTML 28Page - Renesas Technology Corp DA9213 Datasheet HTML 29Page - Renesas Technology Corp DA9213 Datasheet HTML 30Page - Renesas Technology Corp DA9213 Datasheet HTML 31Page - Renesas Technology Corp DA9213 Datasheet HTML 32Page - Renesas Technology Corp DA9213 Datasheet HTML 33Page - Renesas Technology Corp DA9213 Datasheet HTML 34Page - Renesas Technology Corp DA9213 Datasheet HTML 35Page - Renesas Technology Corp DA9213 Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 63 page
background image
DA9213, DA9214, and DA9215
Multi-Phase 5A/Phase DC-DC Buck Converter
Datasheet
Revision 3.4
10-Feb-2022
CFR0011-120-00
32 of 62
© 2022 Renesas Electronics
All registers outside the DA9213, DA9214, and DA9215 range are write only, that is, the DA9213,
DA9214, and DA9215 will not answer to a read command and the data bus is tristate (they are
implicitly directed to DA9063). In particular the information contained in registers 0x105 and 0x106 is
used by DA9213, DA9214, and DA9215 to configure the control interface. They must be the same as
the main PMIC (DA9063), so that a write to those registers configures both the main PMIC and
DA9213, DA9214, and DA9215 at the same time. The default OTP settings also need to be identical
for a correct operation of the system.
The 4-WIRE interface features a half-duplex operation, that is, data can be transmitted and received
within a single 16-bit frame at enhanced clock speed (up to 14 MHz). It operates at the clock
frequencies provided by the host.
Figure 20: Schematic of 4-WIRE and 2-WIRE Power Manager Bus
A transmission begins when initiated by the host. Reading and writing is accomplished by the use of
an 8-bit command, which is sent by the host prior to the exchanged 8-bit data. The byte from the host
begins shifting in on the SI pin under the control of the serial clock SK provided from the host. The
first seven bits specify the register address (0x01 to 0x07) that will be written or read by the host. The
register address is automatically decoded after receiving the seventh address bit. The command
word ends with an R/W bit, which together with the control bit R/W_POL specifies the direction of the
following data exchange. During register writing the host continues sending out data during the
following eight SK clocks. For reading, the host stops transmitting and the 8-bit register is clocked out
of DA9213, DA9214, and DA9215 during the consecutive eight SK clocks of the frame. Address and
data are transmitted with MSB first. The polarity (active state) of nCS is defined by control bit
nCS_POL. nCS resets the interface when inactive and it has to be released between successive
cycles.
The SO output from DA9213, DA9214, and DA9215 is normally in high-impedance state and active
only during the second half of read cycles. A pull-up or pull-down resistor may be needed at the SO
line if a floating logic signal can cause unintended current consumption inside other circuits.
Table 10: 4-WIRE Clock Configurations
CPHA Clock
Polarity
CPOL Clock
Phase
Output Data is Updated at SK
Edge
Input Data is Registered at SK
Edge
0 (idle low)
0
Falling
Rising
0 (idle low)
1
Rising
Falling
1 (idle high)
0
Rising
Falling
1 (idle high)
1
Falling
Rising
DA9213, DA9214, and DA9215's 4-WIRE interface offers two further configuration bits. Clock polarity
(CPOL) and clock phase (CPHA) define when the interface will latch the serial data bits. CPOL
determines whether SK idles high (CPOL = 1) or low (CPOL = 0). CPHA determines on which SK
edge data is shifted in and out. With CPOL = 0 and CPHA = 0, DA9213, DA9214, and DA9215 latch
data on the SK rising edge. If the CPHA is set to 1 the data is latched on the SK falling edge. CPOL
PMIC
(slave)
Host
processor
SK
SO
SI
nCS/nSS
nCS/nSS
SI
SK
SO
nCS/nSS
VDDIO
VDDIO
VDDIO
Slave device
SI
SK
SO
nCS/nSS
VDDIO
4-WIRE interface
Host
processor
PMIC
Peripheral
device
SI
SK
Peripheral
device
SDA
SCL
SCL
SDA
VDDIO
VDDIO
2-WIRE interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com