Electronic Components Datasheet Search
  English  ▼

X  

DA9213 Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # DA9213
Description  Multi-Phase 5A/Phase DC-DC Buck Converter
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9213 Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button DA9213 Datasheet HTML 19Page - Renesas Technology Corp DA9213 Datasheet HTML 20Page - Renesas Technology Corp DA9213 Datasheet HTML 21Page - Renesas Technology Corp DA9213 Datasheet HTML 22Page - Renesas Technology Corp DA9213 Datasheet HTML 23Page - Renesas Technology Corp DA9213 Datasheet HTML 24Page - Renesas Technology Corp DA9213 Datasheet HTML 25Page - Renesas Technology Corp DA9213 Datasheet HTML 26Page - Renesas Technology Corp DA9213 Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 63 page
background image
DA9213, DA9214, and DA9215
Multi-Phase 5A/Phase DC-DC Buck Converter
Datasheet
Revision 3.4
10-Feb-2022
CFR0011-120-00
23 of 62
© 2022 Renesas Electronics
● GPIO2 signals the insertion of an external charger in the application (through interrupt to the host
processor)
● GPIO3 indicates a power good condition, either to proceed with the power up sequence or to
enable an external supply connected to the port
● GPI4 is used for the I2C interface address hardware selection
Figure 16: Typical Application of DA9214
Figure 16 shows a typical use case of DA9214 for the simultaneous supply of a CPU and a GPU rail.
The IC is always enabled because IC_EN is shorted to the battery voltage. The CORE application
processor enables and disables the CPU/GPU and the DDR individually via dedicated ports on
DA9214.
7.1
DC_DC Buck Converter
DA9213 is a four phase 20 A high efficiency synchronous step down DVC regulator, operating at a
high frequency of typically 3 MHz. It supplies an output voltage of typically 1.0 V for a CPU rail,
configurable in the range 0.3 to 1.57 V, with high accuracy in steps of 10 mV.
DA9214 contains two buck converters, Buck A and Buck B, each capable of delivering 10 A.
VDD_A1
VSYS
VSS_ANA
VIN
LX_A1
FBAP
FBAN
FBBP
FBBN
SENSE+
SENSE-
DA9214
CPU/
GPU
DDR
CORE
EN_A (GPI0)
EN_B (GPI1)
nIRQ
SCL
SDA
VDDIO
SENSE+
SENSE-
I2C_ADDR_SEL (GPI4)
VDDIO
IC_EN
VSYS
VDD_A2
VDD_B1
VDD_B2
LX_A2
LX_B1
LX_B2
(LX_A3 in DA9215)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com