Electronic Components Datasheet Search
  English  ▼

X  

DA9213 Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # DA9213
Description  Multi-Phase 5A/Phase DC-DC Buck Converter
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9213 Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button DA9213 Datasheet HTML 20Page - Renesas Technology Corp DA9213 Datasheet HTML 21Page - Renesas Technology Corp DA9213 Datasheet HTML 22Page - Renesas Technology Corp DA9213 Datasheet HTML 23Page - Renesas Technology Corp DA9213 Datasheet HTML 24Page - Renesas Technology Corp DA9213 Datasheet HTML 25Page - Renesas Technology Corp DA9213 Datasheet HTML 26Page - Renesas Technology Corp DA9213 Datasheet HTML 27Page - Renesas Technology Corp DA9213 Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 63 page
background image
DA9213, DA9214, and DA9215
Multi-Phase 5A/Phase DC-DC Buck Converter
Datasheet
Revision 3.4
10-Feb-2022
CFR0011-120-00
24 of 62
© 2022 Renesas Electronics
DA9215 contains also two buck converters, Buck A capable of 15 A and Buck B capable of 5 A.
To improve the accuracy of the delivered voltage, each buck converter is able to support a differential
sensing of the configured voltage directly at the point of load via dedicated positive and negative
sense pins.
Both Buck A and Buck B have two voltage registers each. One defines the normal output voltage,
while the other offers an alternative retention voltage. In this way different application power modes
can easily be supported. The voltage selection can be operated either via GPI or via control interface
to guarantee the maximum flexibility according to the specific host processor status in the
application.
When a buck is enabled, its output voltage is monitored and a power good signal indicates that the
buck output voltage has reached a level higher than the VTH(PG) threshold. The power good is lost
when the voltage drops below VTH(PG) - VHYS(PG), which is the level at which the signal is de-asserted.
The power good signaling should not be used in conjunction with fast start up rates, configured in
BUCKx_UP_CTRL register fields and can be individually masked during DVC transitions using the
PGA_DVC_MASK and PGB_DVC_MASK bits. For each of the buck converters the status of the
power good indicator can be read back via I2C from the PWRGOOD_A and PWRGOOD_B status
bits. It can be also individually assigned to either GPIO2 or GPIO3 using BUCKA_PG_SEL and
BUCKB_PG_SEL. For correct functionality, the GPIO ports need to be configured as output. An I2C
write in GPIOx_MODE can overwrite the internal configuration so that a new update will be
automatically done only when the internal power good indicator changes status.
The buck converters are capable of supporting DVC transitions that occur:
● When the active and selected A-voltage or B-voltage is updated to a new target value.
● When the voltage selection is changed from the A-voltage to the B-voltage (or B-voltage to the A
voltage) using VBUCKA_SEL and VBUCKB_SEL.
The DVC controller operates in Pulse Width Modulation (PWM) mode with synchronous rectification.
When the host processor changes the output voltage, the voltage transition of each buck converter
can be individually signaled with a READY signal routed to either GPIO2 or GPIO3. The port has to
be configured as GPO and selected for the functionality via READYA_CONF or READYB_CONF. In
contrast to the power good signal, the READY only informs the host processor about the completion
of the digital DVC ramp without confirming that the target voltage has actually been reached.
The slew rate of the DVC transition is individually programmed for each buck converter at 10 mV per
(4, 2, 1, or 0.5 µs) via control bit SLEW_RATE_A and SLEW_RATE_B.
The typical supply current is in the order of 17 mA per phase (quiescent current and
charge/discharge current) and drops to <1 µA when the buck is turned off.
When the buck is disabled, a pull down resistor (typically 150 Ω) for each phase is activated
depending of the value stored in register bits BUCKA_PD_DIS and BUCKB_PD_DIS. Phases
disabled using PHASE_SEL_A and PHASE_SEL_B will not have any pull down. The pull-down
resistor is always disabled at all phases when DA9213, DA9214, and DA9215 are OFF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com