Electronic Components Datasheet Search
  English  ▼

X  

DA9213 Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # DA9213
Description  Multi-Phase 5A/Phase DC-DC Buck Converter
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9213 Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button DA9213 Datasheet HTML 21Page - Renesas Technology Corp DA9213 Datasheet HTML 22Page - Renesas Technology Corp DA9213 Datasheet HTML 23Page - Renesas Technology Corp DA9213 Datasheet HTML 24Page - Renesas Technology Corp DA9213 Datasheet HTML 25Page - Renesas Technology Corp DA9213 Datasheet HTML 26Page - Renesas Technology Corp DA9213 Datasheet HTML 27Page - Renesas Technology Corp DA9213 Datasheet HTML 28Page - Renesas Technology Corp DA9213 Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 63 page
background image
DA9213, DA9214, and DA9215
Multi-Phase 5A/Phase DC-DC Buck Converter
Datasheet
Revision 3.4
10-Feb-2022
CFR0011-120-00
25 of 62
© 2022 Renesas Electronics
7.1.1
Switching Frequency
The switching frequency is chosen to be high enough to allow the use of a small 0.22 µH inductor
(see a complete list of coils in the Application Information, Section 0). The buck switching frequency
can be tuned using register bit OSC_TUNE. The internal 6 MHz oscillator frequency is tuned in steps
of 180 kHz. This impacts the buck converter frequency in steps of 90 kHz and helps to mitigate
possible disturbances to other HF systems in the application.
7.1.2
Operation Modes and Phase Selection
The buck converters can operate in synchronous PWM mode and PFM mode. The operating mode is
selected using register bits BUCKA_MODE and BUCKB_MODE.
An automatic phase shedding can be enabled for each buck converter in PWM mode via
PH_SH_EN_A, PH_SH_EN_B, thereby automatically reducing or increasing the number of active
phases depending on the output load current. For DA9214 the phase shedding will automatically
change between 1-phase and 2-phase operation at a typical current of 2.0 A. For DA9213 the phase
shedding will automatically change between 1-phase and 4-phase operation at a typical current of
2.5 A. The PHASE_SEL_A and PHASE_SEL_B register fields limit the maximum number of active
phases under any conditions.
If the automatic operation mode is selected on BUCKA_MODE or BUCKB_MODE, the buck
converters will automatically change between synchronous PWM mode and PFM depending on the
load current. This improves the efficiency of the converters across the whole range of output load
currents.
7.1.3
Output Voltage Selection
The switching converter can be configured using either a 2-WIRE or a 4-WIRE interface. For security
reasons, the re-programming of registers that can cause damage when wrongly programmed (for
example, the voltage settings) can be disabled by asserting the control V_LOCK. When V_LOCK is
asserted, reprogramming the registers 0xD0 to 0x14F from control interfaces is disabled.
For each buck converter two output voltages can be pre-configured inside registers VBUCKA_A and
VBUCKB_A, and registers VBUCKA_B and VBUCKB_B. The output voltage can be selected by
either toggling register bits VBUCKA_SEL and VBUCKB_SEL or by re-programming the selected
voltage control register. Both changes will result into ramped voltage transitions, during which the
READY signal is asserted. After being enabled, the buck converter will by default use the register
settings in VBUCKA_A and VBUCKB_A unless the output voltage selection is configured via the GPI
port.
If “00” has been selected in BUCKA_MODE or BUCKB_MODE, A-/B- voltage selection registers
VBUCKx_x control the operation of the PWM and PFM modes.
Regardless of the values programmed in the VBUCKx_A and VBUCKx_B registers, the registers
VBUCKA_MAX, VBUCKB_MAX will individually limit the output voltage that can be set for each of
the buck converters.
The buck converter provides an optional hardware enable/disable via selectable GPI, and configured
via control register bits BUCKA_GPI and BUCKB_GPI. A change of the output voltage from the state
of a GPI is enabled via control register bits VBUCKA_GPI and VBUCKB_GPI. After detecting a rising
or falling edge at the related GPIs, DA9213, DA9214, and DA9215 will configure the buck converters
according to their status.
In addition to selecting between the A/B voltages, a track mode can be activated for Buck A to set the
output voltage. In the DA9213, the track mode is applied to the 4-phase buck converter. This feature
can be enabled on GPI0 via GPI0_PIN. The output voltage will be configured to follow the value
applied at a selected GPI pin. The voltage applied at GPI0 must be in the same range as the nominal
output voltage selectable for the buck rail (see VBUCKA_A and VBUCKA_B registers). In Track
Mode, only single ended remote sensing is possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com