Electronic Components Datasheet Search
  English  ▼

X  

DA9213 Datasheet(PDF) 58 Page - Renesas Technology Corp

Part # DA9213
Description  Multi-Phase 5A/Phase DC-DC Buck Converter
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9213 Datasheet(HTML) 58 Page - Renesas Technology Corp

Back Button DA9213 Datasheet HTML 54Page - Renesas Technology Corp DA9213 Datasheet HTML 55Page - Renesas Technology Corp DA9213 Datasheet HTML 56Page - Renesas Technology Corp DA9213 Datasheet HTML 57Page - Renesas Technology Corp DA9213 Datasheet HTML 58Page - Renesas Technology Corp DA9213 Datasheet HTML 59Page - Renesas Technology Corp DA9213 Datasheet HTML 60Page - Renesas Technology Corp DA9213 Datasheet HTML 61Page - Renesas Technology Corp DA9213 Datasheet HTML 62Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 63 page
background image
DA9213, DA9214, and DA9215
Multi-Phase 5A/Phase DC-DC Buck Converter
Datasheet
Revision 3.4
10-Feb-2022
CFR0011-120-00
58 of 62
© 2022 Renesas Electronics
9.2
Inductor Selection
Inductors should be selected based upon the following parameters:
● Rated max. current: usually a coil provides two current limits: The Isat specifies the maximum
current at which the inductance drops by 30 % of the nominal value. The Imax is defined by the
maximum power dissipation and is applied to the effective current.
● DC resistance: critical for the converter efficiency and should therefore be minimized.
● The typical recommended output inductance is 0.22 µH per phase. Use of larger output
inductance degrades the load transient performance of the buck converter.
Table 15: Recommended Inductor Types
Value
(µH)
Size (mm)
Imax(dc)
(A)
Isat (A)
Tol (%)
DC Res
(
mΩ)
Type
0.47
2.0 x 1.6 x 1.0
4.7
6.2
±20
26
Semco
CIGT201610EHR47MLE
0.47
2.5 x 2.0 x 0.8
5.5
5.5
±20
15
Semco
CIGT252008 EHR47MNE
0.24
2.5 x 2.0 x 1.0
5.7
5.7
±20
10
Semco
CIGT252010 LMR24MNE
0.24
2.5 x 2.0 x 1.2
6.6
6.6
±20
8
Semco
CIGT252012 LMR24MNE
0.47
2.5 x 2.0 x 1.0
4.1
5.3
±20
28
TOKO
DFE252010P-H-R47M
0.47
2.5 x 2.0 x 1.2
4.7
6.1
±20
21
TOKO
DFE252012P-H-R47M
0.33
2.5 x 2.0 x 1.0
4.4
5.8
±20
22
TOKO
DFE252010P-H-R33M
0.33
2.5 x 2.0 x 1.2
5.0
6.4
±20
18
TOKO
DFE252012P-H-R33M
0.47
2.5 x 2.0 x 1.2
4.7
5.2
±20
19
Cyntec HMLE25201B-
R47MS
0.22
2.5 x 2.0 x 1.2
7.3
7.0
±20
8
Cyntec PIFE25201B
0.22
2.5 x 2.0 x 1.0
6.6
5.8
±20
10
Cyntec PIFE25201T-R22MS
0.47
4 x 4 x 1.0
9.0
10.5
±20
17
Cyntec
PIME041B-R47MS-11
0.47
2.5 x 2.0 x 1.2
3.9
4.8
±20
30
Taiyo Yuden MAMK2520T
R47M
0.47
4 x 4 x 1.2
8.7
6.7
±20
14
Coilcraft XFL4012-471ME



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com