Electronic Components Datasheet Search
  English  ▼

X  

DA9213 Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # DA9213
Description  Multi-Phase 5A/Phase DC-DC Buck Converter
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9213 Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button DA9213 Datasheet HTML 14Page - Renesas Technology Corp DA9213 Datasheet HTML 15Page - Renesas Technology Corp DA9213 Datasheet HTML 16Page - Renesas Technology Corp DA9213 Datasheet HTML 17Page - Renesas Technology Corp DA9213 Datasheet HTML 18Page - Renesas Technology Corp DA9213 Datasheet HTML 19Page - Renesas Technology Corp DA9213 Datasheet HTML 20Page - Renesas Technology Corp DA9213 Datasheet HTML 21Page - Renesas Technology Corp DA9213 Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 63 page
background image
DA9213, DA9214, and DA9215
Multi-Phase 5A/Phase DC-DC Buck Converter
Datasheet
Revision 3.4
10-Feb-2022
CFR0011-120-00
18 of 62
© 2022 Renesas Electronics
Parameter
Description
Conditions
Min
Typ
Max
Unit
tW_CL
Clock LOW duration
0.5
µs
tW_CH
Clock HIGH duration
0.26
µs
tR
Rise time
Input requirement. At
pin CLK and DATA
1000
ns
tF
Fall time
Input requirement. At
pin CLK and DATA
300
ns
tSU_D
Data set-up time
50
ns
tH_D
Data hold time
0
ns
High Speed Mode
fSCL_HS
Clock frequency
At pin SCL
0
Note 1
3400
kHz
tSU_STA_HS
START condition set-up
time
160
ns
tH_STA_HS
START condition hold time
160
ns
tW_CL_HS
Clock LOW duration
160
ns
tW_CH_HS
Clock HIGH duration
60
ns
tR_HS
Rise time
Input requirement. At
pin CLK and DATA
160
ns
tF_HS
Fall time
Input requirement. At
pin CLK and DATA
160
ns
tSU_D_HS
Data set-up time
10
ns
tH_D_HS
Data hold time
0
ns
tSU_STO_HS
STOP condition set-up
time
160
ns
Note 1
Minimum clock frequency is 10 kHz if 2WIRE_TO is enabled
Figure 6: 2-WIRE Bus Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com