Electronic Components Datasheet Search
  English  ▼

X  

DA9213 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # DA9213
Description  Multi-Phase 5A/Phase DC-DC Buck Converter
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9213 Datasheet(HTML) 1 Page - Renesas Technology Corp

  DA9213 Datasheet HTML 1Page - Renesas Technology Corp DA9213 Datasheet HTML 2Page - Renesas Technology Corp DA9213 Datasheet HTML 3Page - Renesas Technology Corp DA9213 Datasheet HTML 4Page - Renesas Technology Corp DA9213 Datasheet HTML 5Page - Renesas Technology Corp DA9213 Datasheet HTML 6Page - Renesas Technology Corp DA9213 Datasheet HTML 7Page - Renesas Technology Corp DA9213 Datasheet HTML 8Page - Renesas Technology Corp DA9213 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 63 page
background image
DA9213, DA9214, and DA9215
Multi-Phase 5A/Phase DC-DC Buck Converter
Datasheet
Revision 3.4
10-Feb-2022
CFR0011-120-00
1 of 62
© 2022 Renesas Electronics
General Description
DA9213, DA9214, and DA9215 are PMUs optimized for the supply of CPUs, GPUs, and DDR
memory rails in smartphones, tablets and other portable applications. The fast transient response (10
A/µs) and load regulation are optimized for the latest generation of multi core application processors.
DA9213 operates as a single four-phase buck converter delivering up to 20 A output current.
DA9214 integrates two dual-phase buck converters, capable of delivering 2 x10 A output current.
DA9215 integrates a three-phase buck converter capable of delivering 15 A and a single-phase buck
converter delivering 5 A output current.
Each buck regulates a programmable output voltage in the range 0.3 to 1.57 V. With an external
resistor divider the output voltage can be set to any voltage between 1.57 V and 4.3 V The input
voltage range of 2.8 to 5.5 V makes it suited for a wide variety of low voltage systems, including all
Li-Ion battery powered applications.
To guarantee the highest accuracy and to support multiple PCB routing scenarios without loss of
performance, a remote sensing capability is implemented in DA9213, DA9214, and DA9215.
The power devices are fully integrated, so no external FETs or Schottky diodes are needed.
A programmable soft start-up can be enabled, which limits the inrush current from the input node and
secures a slope controlled activation of the rail.
The Dynamic Voltage Control (DVC) supports adaptive adjustment of the supply voltage depending
on the processor load, either via direct register writes through the communication interface (I2C or
SPI compatible) or via an input pin.
DA9213, DA9214, and DA9215 feature integrated over-temperature and over-current protection for
increased system reliability without the need for external sensing components. The safety feature set
is completed by a VDDIO under-voltage lockout.
The configurable I2C address selection via GPI allows multiple instances of DA9213, DA9214, and
DA9215 or both to be placed in the application sharing the same communication interface with
different addresses.
Key Features
■ 2.8 V to 5.5 V input voltage
■ 0.3 V to 1.57 V output voltage
■ 1.57 to 4.3 V with resistor divider
■ 20 A DA9213
■ 2 x 10 A DA9214
■ 1 x 15 A + 1x 5 A DA9215
■ 3 MHz nominal switching frequency (allows
use of low profile [1 mm] inductors)
■ ±1 % accuracy (static)
■ ±3 % accuracy (dynamic)
■ Dynamic Voltage Control (DVC)
■ Automatic phase shedding
■ Integrated power switches
■ Remote sensing at point of load
■ I2C/SPI compatible interface
■ Adjustable soft start
■ -40 to +85 ºC temperature range
■ Package 66 WL-CSP 0.4 mm pitch or 66
VFBGA 0.5 mm pitch


Similar Part No. - DA9213

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA9213 DIALOG-DA9213 Datasheet
1Mb / 62P
Multi-Phase 5A/Phase DC-DC Buck Converter
logo
Renesas Technology Corp
DA9213 RENESAS-DA9213 Datasheet
1Mb / 62P
Multi-Phase 5 A/Phase DC-DC Buck Converter
Nov 03, 2025
logo
Dialog Semiconductor
DA9213-A DIALOG-DA9213-A Datasheet
1Mb / 62P
Auto Grade Multi-Phase 5A/Phase Buck Converter
logo
Renesas Technology Corp
DA9213-A RENESAS-DA9213-A Datasheet
1Mb / 68P
Auto Grade Multi-Phase 5A/Phase Buck Converter
16-Feb-2022
DA9213-A RENESAS-DA9213-A Datasheet
2Mb / 62P
Auto Grade Multi-Phase 5 A / Phase Buck Converter
Nov 14, 2025
More results

Similar Description - DA9213

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1501A ANACHIP-AP1501A Datasheet
182Kb / 11P
150Khz, 5A PWM Buck DC/DC Converter
Rev. 0.4 Feb 19, 2004
AP1501A ANACHIP-AP1501A_1 Datasheet
203Kb / 12P
150Khz, 5A PWM Buck DC/DC Converter
Rev.1.2 Aug 23, 2005
logo
Diodes Incorporated
AP1501A DIODES-AP1501A Datasheet
231Kb / 12P
150KHz, 5A PWM BUCK DC/DC CONVERTER
AP1501A Rev. 7
logo
Dialog Semiconductor
DA9210 DIALOG-DA9210 Datasheet
3Mb / 90P
Multi-Phase 12 A DC-DC Buck Converter
DA9210 DIALOG-DA9210_16 Datasheet
2Mb / 92P
DA9210 Multi-Phase 12 A DC-DC Buck Converter
DA9213 DIALOG-DA9213 Datasheet
1Mb / 62P
Multi-Phase 5A/Phase DC-DC Buck Converter
DA9213-A DIALOG-DA9213-A Datasheet
1Mb / 62P
Auto Grade Multi-Phase 5A/Phase Buck Converter
logo
Diodes Incorporated
AP1501A DIODES-AP1501A_17 Datasheet
367Kb / 13P
5A PWM BUCK DC/DC CONVERTER
Rev 11
logo
Renesas Technology Corp
DA9210 RENESAS-DA9210 Datasheet
2Mb / 98P
DA9210 Multi-Phase 12 A DC-DC Buck Converter
28-Feb-2022
DA9213-A RENESAS-DA9213-A Datasheet
1Mb / 68P
Auto Grade Multi-Phase 5A/Phase Buck Converter
16-Feb-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com