Electronic Components Datasheet Search
  English  ▼

X  

DA9213 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # DA9213
Description  Multi-Phase 5A/Phase DC-DC Buck Converter
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9213 Datasheet(HTML) 5 Page - Renesas Technology Corp

  DA9213 Datasheet HTML 1Page - Renesas Technology Corp DA9213 Datasheet HTML 2Page - Renesas Technology Corp DA9213 Datasheet HTML 3Page - Renesas Technology Corp DA9213 Datasheet HTML 4Page - Renesas Technology Corp DA9213 Datasheet HTML 5Page - Renesas Technology Corp DA9213 Datasheet HTML 6Page - Renesas Technology Corp DA9213 Datasheet HTML 7Page - Renesas Technology Corp DA9213 Datasheet HTML 8Page - Renesas Technology Corp DA9213 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 63 page
background image
DA9213, DA9214, and DA9215
Multi-Phase 5A/Phase DC-DC Buck Converter
Datasheet
Revision 3.4
10-Feb-2022
CFR0011-120-00
5 of 62
© 2022 Renesas Electronics
8.1.3
Register Page 1 ................................................................................................... 47
8.1.3.1
Regulators Settings ......................................................................... 47
8.1.4
Register Page 2 ................................................................................................... 52
8.1.4.1
Interface and OTP Settings (shared with DA9063) ......................... 52
8.1.4.2
Application Configuration Settings................................................... 53
9
Application Information .............................................................................................................. 57
9.1
Capacitor Selection ............................................................................................................. 57
9.2
Inductor Selection ............................................................................................................... 58
10 Package Information ................................................................................................................... 59
10.1 Package Outlines ................................................................................................................ 59
11 Ordering Information .................................................................................................................. 61
Figures
Figure 1: DA9213 System Diagram....................................................................................................... 2
Figure 2: DA9214 System Diagram....................................................................................................... 3
Figure 3: DA9215 System Diagram....................................................................................................... 3
Figure 4: DA9213/14/15 66 WL-CSP Ball Map ..................................................................................... 8
Figure 5: DA9213/14/15 66 VFBGA Ball Map ....................................................................................... 9
Figure 6: 2-WIRE Bus Timing.............................................................................................................. 18
Figure 7: 4-WIRE Bus Timing.............................................................................................................. 19
Figure 8: 2 Phase Auto-Mode, 0 to 10 A ............................................................................................. 20
Figure 9: 2 Phase Auto-Mode, 0 to 10 A ............................................................................................. 20
Figure 10: 4 Phase Auto-Mode, 0 to 20 A (Linear) ............................................................................. 20
Figure 11: 4 Phase Auto-Mode, 0 to 20 A (Logarithmic)..................................................................... 20
Figure 12: 4 Phase Auto-Mode, 0 to 20 A ........................................................................................... 20
Figure 13: 1, 2, 3, and 4 Phase Modes ............................................................................................... 20
Figure 14: Interface of DA9213/14/15 with DA9063 and the Host Processor ..................................... 21
Figure 15: Typical Application of DA9213 ........................................................................................... 22
Figure 16: Typical Application of DA9214 ........................................................................................... 23
Figure 17: Concept of Control of the Buck’s Output Voltage .............................................................. 26
Figure 18: Resistive Divider from VOUT to FBAN .............................................................................. 27
Figure 19: GPIO Principle of Operation (Example Paths) ................................................................... 30
Figure 20: Schematic of 4-WIRE and 2-WIRE Power Manager Bus .................................................. 32
Figure 21: 4-WIRE Host Write and Read Timing (nCS_POL = 0, CPOL = 0, CPHA = 0) .................. 33
Figure 22: 4-WIRE Host Write and Read Timing (nCS_POL= 0, CPOL = 0, CPHA = 1) ................... 33
Figure 23: 4-WIRE Host Write and Read Timing (nCS_POL = 0, CPOL = 1, CPHA = 0) .................. 34
Figure 24: 4-WIRE Host Write and Read Timing (nCS_POL = 0, CPOL = 1, CPHA = 1) .................. 34
Figure 25: Timing of 2-WIRE START and STOP Condition ................................................................ 36
Figure 26: 2-WIRE Byte Write (SDA Line) .......................................................................................... 37
Figure 27: Examples of 2-WIRE Byte Read (SDA Line) ..................................................................... 37
Figure 28: Examples of 2-WIRE Page Read (SDA Line) .................................................................... 37
Figure 29: 2-WIRE Page Write (SDA Line) ......................................................................................... 38
Figure 30: 2-WIRE Repeated Write (SDA Line) .................................................................................. 38
Figure 31: DA9213/14/15 66 WL-CSP Package Outline Drawing ...................................................... 59
Figure 32: DA9213/14/15 66 VFBGA Package Outline Drawing ........................................................ 60
Tables
Table 1: Pin Description ...................................................................................................................... 10
Table 2: Pin Type Definition ................................................................................................................ 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com