Electronic Components Datasheet Search
  English  ▼

X  

L6986ITR Datasheet(PDF) 45 Page - STMicroelectronics

Part # L6986ITR
Description  38 V, 5 W synchronous iso-buck converter for isolated applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6986ITR Datasheet(HTML) 45 Page - STMicroelectronics

Back Button L6986ITR Datasheet HTML 41Page - STMicroelectronics L6986ITR Datasheet HTML 42Page - STMicroelectronics L6986ITR Datasheet HTML 43Page - STMicroelectronics L6986ITR Datasheet HTML 44Page - STMicroelectronics L6986ITR Datasheet HTML 45Page - STMicroelectronics L6986ITR Datasheet HTML 46Page - STMicroelectronics L6986ITR Datasheet HTML 47Page - STMicroelectronics L6986ITR Datasheet HTML 48Page - STMicroelectronics L6986ITR Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 60 page
background image
Reference
Part number
Description
Manufacturer
R17
0 Ω
R18
N.C.
L3
XAL4030-472MEC
4.7 µH
Coilcraft
L4
MPZ2012S221A
Ferrite bead
TDK
D1
STPS1150AY
Schottky diode, 150 V, 1 A
STM
D3
#1, #2
BZT52B4V3-HE3-08
Zener Diode 4.3 V
Vishay Semiconductor
#3
-
N/A
Q1
2STR1215
NPN power transistor
STM
U2
#1
ZA9668-AE
Transformer, N = 5.8,
3.3 kV isolation
Coilcraft
#2
2106.0007
Transformer, N = 5.6,
1.5 kV isolation
Magnetica
#3
ZB1175-AE
Transformer, N = 1.53, 3.3
kV isolation
Coilcraft
U3
TL431AIL3T
Adjustable voltage reference
STM
8.1
Fine tuning of the evaluation boards
The evaluation boards can be customized to better match the user demands.
1.
If a different dual isolated voltage is necessary (e.g. 15 V / - 6 V), the replacement of two components is
enough to adapt the board: the Zener diode D3 (with a diode providing the most suitable Zener voltage) and
the resistor divider (one of the two resistors) R12 - R13, in accordance with the equation:
VISO+=2.49V⋅R12+R13
R13
(47)
Obviously, the total voltage VISO+ + |VISO-| must be compatible with the available voltage at the
secondarywinding of the transformer.
2.
STEVAL-A6986IV1 and STEVAL-L6986IV1 can be also turned into a single isolated voltage board by
soldering a 0 Ω resistor in place of the capacitor C12.
Any of the above-mentioned fine tunings could require an adjustment of the resistor R11.
L6986I
Fine tuning of the evaluation boards
DS13647 - Rev 2
page 45/60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com