Electronic Components Datasheet Search
  English  ▼

X  

L6986ITR Datasheet(PDF) 34 Page - STMicroelectronics

Part # L6986ITR
Description  38 V, 5 W synchronous iso-buck converter for isolated applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6986ITR Datasheet(HTML) 34 Page - STMicroelectronics

Back Button L6986ITR Datasheet HTML 30Page - STMicroelectronics L6986ITR Datasheet HTML 31Page - STMicroelectronics L6986ITR Datasheet HTML 32Page - STMicroelectronics L6986ITR Datasheet HTML 33Page - STMicroelectronics L6986ITR Datasheet HTML 34Page - STMicroelectronics L6986ITR Datasheet HTML 35Page - STMicroelectronics L6986ITR Datasheet HTML 36Page - STMicroelectronics L6986ITR Datasheet HTML 37Page - STMicroelectronics L6986ITR Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 60 page
background image
Figure 40. Slave-to-master mode transition
The external master can force a latched SLAVE mode driving the SYNCH pin low at power-up, before the
soft-start begins the switching activity. So the oscillator frequency is 250 kHz typ. fixed until a new UVLO event
is triggered regardless FSW resistor value, that otherwise counts to design the slope compensation. The same
considerations above are also valid.
The master driving capability must be able to provide the proper signal levels at the SYNCH pin (see section 3):
•
Low level < VSYN THL = 0.7 V sinking 5 mA
•
High level > VSYN THH = 1.2 V sourcing 0.7 mA
Figure 41. Master driving capability to synchronize the L6986I
L6986I
Synchronization
DS13647 - Rev 2
page 34/60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com