Electronic Components Datasheet Search
  English  ▼

X  

L6986ITR Datasheet(PDF) 4 Page - STMicroelectronics

Part # L6986ITR
Description  38 V, 5 W synchronous iso-buck converter for isolated applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6986ITR Datasheet(HTML) 4 Page - STMicroelectronics

  L6986ITR Datasheet HTML 1Page - STMicroelectronics L6986ITR Datasheet HTML 2Page - STMicroelectronics L6986ITR Datasheet HTML 3Page - STMicroelectronics L6986ITR Datasheet HTML 4Page - STMicroelectronics L6986ITR Datasheet HTML 5Page - STMicroelectronics L6986ITR Datasheet HTML 6Page - STMicroelectronics L6986ITR Datasheet HTML 7Page - STMicroelectronics L6986ITR Datasheet HTML 8Page - STMicroelectronics L6986ITR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 60 page
background image
2.1
Maximum ratings
Stressing the device above the rating listed in the table below may cause permanent damage to the device.
These are stress ratings only and operation of the device at these or any other conditions above those indicated
in the operating sections of this specification is not implied. Exposure to absolute maximum rating conditions may
affect device reliability.
Table 2. Absolute maximum ratings
Symbol
Description
Min.
Max.
Unit
VIN
See Table 1
-0.3
40
V
DELAY
-0.3
VCC + 0.3
V
PGND
SGND - 0.3
SGND + 0.3
V
SGND
-
-
V
VCC
-0.3
(VIN + 0.3) or (max. 4)
V
SS /INH
-0.3
VIN + 0.3
V
MLF
-0.3
VCC + 0.3
V
COMP
-0.3
VCC + 0.3
V
VFB
-0.3
10
V
FSW
-0.3
VCC + 0.3
V
SYNCH
-0.3
VIN + 0.3
V
VBIAS
-0.3
(VIN + 0.3) or (max. 6)
V
RST
-0.3
VIN + 0.3
V
LX
-0.3
VIN + 0.3
V
TJ
Operating temperature range
-40
150
°C
TSTG
Storage temperature range
-
-65 to 150
°C
TLEAD
Lead temperature (soldering 10 s.)
-
260
°C
IHS, ILS
High-side / low-side switch current
-
2
A
Table 3. Thermal data
Symbol
Parameter
Value
Unit
RthJA
Thermal resistance junction ambient (device soldered
on the STMicroelectronics demonstration board)
40
°C/W
RthJC
Thermal resistance junction to exposed pad for board
design (not suggested to estimate TJ from power
losses)
5
°C/W
Table 4. ESD protection
Symbol
Test conditions
Value
Unit
ESD
HBM
2
kV
CDM
500
V
CDM corner pins
750
V
L6986I
Maximum ratings
DS13647 - Rev 2
page 4/60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com