Electronic Components Datasheet Search
  English  ▼

X  

L6986ITR Datasheet(PDF) 6 Page - STMicroelectronics

Part # L6986ITR
Description  38 V, 5 W synchronous iso-buck converter for isolated applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6986ITR Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L6986ITR Datasheet HTML 2Page - STMicroelectronics L6986ITR Datasheet HTML 3Page - STMicroelectronics L6986ITR Datasheet HTML 4Page - STMicroelectronics L6986ITR Datasheet HTML 5Page - STMicroelectronics L6986ITR Datasheet HTML 6Page - STMicroelectronics L6986ITR Datasheet HTML 7Page - STMicroelectronics L6986ITR Datasheet HTML 8Page - STMicroelectronics L6986ITR Datasheet HTML 9Page - STMicroelectronics L6986ITR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 60 page
background image
Symbol
Parameter
Test condition
Min.
Typ.
Max
Unit
VSS START
Start of internal error amplifier
ramp
0.995
1.1
1.150
V
SSGAIN
SS/INH to internal error amplifier
gain
3
Error amplifier
VFB
Voltage feedback
0.841
0.85
0.859
V
IFB
FB biasing current
50
500
µA
AV
Error amplifier gain (1)
100
dB
ICOMP
EA output current capability
± 6
±12
±25
µA
Inner current loop
gCS
Current sense transconductance
(VCOMP to inductor current gain)
(1)
Ipk = 1 A
2.5
A/V
VPP*gCS
Slope compensation (2)
0.45
0.75
1.1
A
Overvoltage protection
VOVP
Overvoltage trip (VOVP/VREF)
1.15
1.2
1.25
VOVP HYST
Overvoltage hysteresis
0.5
2
5
%
Synchronization (fanout: 6 slave devices typ.)
fSYNCH
Synchronization frequency
FSW = VCC
275
1000
kHz
FSW = GND
475
2200
VSYN TH
SYNCH input threshold
SYNCH rising
0.70
1.2
V
ISYN
SYNCH pull-down current
VSYN = 1.2 V
0.7
mA
VSYN OUT
High level output
5 mA sinking load
1.40
V
Low level output
0.7 mA sourcing load
0.6
Reset
VTHR
Selected RST threshold
MLF pinstrapping before SS
2
%
VTHR HYST
RST hysteresis (1)
0.4
V
VRST
RST open collector output
VIN > VIN HAND VFB < VTH4 mA sinking
load
0.8
2 < VIN < VINH 4 mA sinking load
2
%
Delay
VTHD
RST open collector released as
soon as VDELAY > VTHD
VFB > VTHR
1.19
1.234
1.258
V
ID CH
CDELAY charging current
VFB > VTHR
1
2
3
µA
Thermal shutdown
TSHDWN
Thermal shutdown temperature (1)
165
°C
THYS
Thermal shutdown hysteresis (1)
30
1. Not tested in production.
2. Measured at fSW = 250 kHz.
L6986I
Electrical characteristics
DS13647 - Rev 2
page 6/60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com