Electronic Components Datasheet Search
  English  ▼

X  

L6986ITR Datasheet(PDF) 12 Page - STMicroelectronics

Part # L6986ITR
Description  38 V, 5 W synchronous iso-buck converter for isolated applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6986ITR Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L6986ITR Datasheet HTML 8Page - STMicroelectronics L6986ITR Datasheet HTML 9Page - STMicroelectronics L6986ITR Datasheet HTML 10Page - STMicroelectronics L6986ITR Datasheet HTML 11Page - STMicroelectronics L6986ITR Datasheet HTML 12Page - STMicroelectronics L6986ITR Datasheet HTML 13Page - STMicroelectronics L6986ITR Datasheet HTML 14Page - STMicroelectronics L6986ITR Datasheet HTML 15Page - STMicroelectronics L6986ITR Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 60 page
background image
Figure 8. Iso-buck primary and secondary current waveforms
4.5
Soft-start and inhibit
The soft-start and inhibit features are multiplexed on the same pin. An internal current source charges the
external soft-start capacitor to implement a voltage ramp on the SS/INH pin. The device is inhibited as long as the
SS/INH pin voltage is lower than the VINH threshold and the soft-start takes place when SS/INH pin crosses VSS
START. (See figure below).
The internal current generator sources 1 µA typ. current when the voltage of the VCC pin crosses the UVLO
threshold. The current increases to 4 µA typ. as soon as the SS/INH voltage is higher than the VINH threshold.
This feature helps to decrease the current consumption in inhibit mode. An external open collector can be used to
set the inhibit operation clamping the SS/INH voltage below VINH threshold.
The start-up feature minimizes the inrush current and decreases the stress of the power components during the
power-up phase. The ramp implemented on the reference of the error amplifier has a gain three times higher
(SSGAIN) than the external ramp present at SS/INH pin.
L6986I
Soft-start and inhibit
DS13647 - Rev 2
page 12/60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com