Electronic Components Datasheet Search
  English  ▼

X  

L6986ITR Datasheet(PDF) 24 Page - STMicroelectronics

Part # L6986ITR
Description  38 V, 5 W synchronous iso-buck converter for isolated applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6986ITR Datasheet(HTML) 24 Page - STMicroelectronics

Back Button L6986ITR Datasheet HTML 20Page - STMicroelectronics L6986ITR Datasheet HTML 21Page - STMicroelectronics L6986ITR Datasheet HTML 22Page - STMicroelectronics L6986ITR Datasheet HTML 23Page - STMicroelectronics L6986ITR Datasheet HTML 24Page - STMicroelectronics L6986ITR Datasheet HTML 25Page - STMicroelectronics L6986ITR Datasheet HTML 26Page - STMicroelectronics L6986ITR Datasheet HTML 27Page - STMicroelectronics L6986ITR Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 60 page
background image
Sn represents the on time slope of the sensed inductor current, Se the on-time slope of the external ramp (VPP
peak-to-peak amplitude) that implements the slope compensation to avoid sub-harmonic oscillations at duty cycle
over 50%.
Se can be calculated from the parameter VPP × gCS given in Table 5.
The sampling effect contribution FH(s) is:
FHs= 1
1+ s
ωn∙Qp+s2ωn2
(11)
where
ωn=π∙fSW
Qp= 1
π∙mC∙ 1−D −0.5
(12)
5.2
Error amplifier compensation network
The typical compensation network required to stabilize the system is shown in figure below:
Figure 27. Transconductance embedded error amplifier
RC and CC introduce a pole and a zero in the open loop gain. CP does not significantly affect system stability but it
is useful to reduce the noise at the output of the error amplifier.
The transfer function of the error amplifier and its compensation network is:
A0s=
AV0∙1+s∙RC∙CC
s2∙R0∙C0+Cp∙RC∙CC+s∙R0∙CC+R0∙C0+Cp+RC∙CC+1
(13)
where
AV0=Gm∙R0.
The poles of this transfer function are (if CC >> C0 + CP)
fPHF= 12∙π∙R0∙CC
(14)
L6986I
Error amplifier compensation network
DS13647 - Rev 2
page 24/60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com