Electronic Components Datasheet Search
  English  ▼

X  

L6986ITR Datasheet(PDF) 56 Page - STMicroelectronics

Part # L6986ITR
Description  38 V, 5 W synchronous iso-buck converter for isolated applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6986ITR Datasheet(HTML) 56 Page - STMicroelectronics

Back Button L6986ITR Datasheet HTML 52Page - STMicroelectronics L6986ITR Datasheet HTML 53Page - STMicroelectronics L6986ITR Datasheet HTML 54Page - STMicroelectronics L6986ITR Datasheet HTML 55Page - STMicroelectronics L6986ITR Datasheet HTML 56Page - STMicroelectronics L6986ITR Datasheet HTML 57Page - STMicroelectronics L6986ITR Datasheet HTML 58Page - STMicroelectronics L6986ITR Datasheet HTML 59Page - STMicroelectronics L6986ITR Datasheet HTML 60Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 56 / 60 page
background image
6.3
Voltage supervisor............................................................. 30
6.4
Synchronization............................................................... 31
6.4.1
Embedded master - slave synchronization .................................... 31
6.4.2
External synchronization signal............................................. 32
6.5
Design of the external components............................................... 35
6.5.1
Input capacitor selection .................................................. 35
6.5.2
Transformer selection .................................................... 37
6.5.3
Schottky diode ......................................................... 41
6.5.4
Output capacitors selection ................................................ 41
7
Application example ..............................................................42
8
Application board.................................................................43
8.1
Fine tuning of the evaluation boards.............................................. 45
8.2
Load regulation of the evaluation boards .......................................... 49
9
Package information..............................................................51
9.1
HTSSOP16 package information ................................................ 51
10
Ordering information .............................................................53
Revision history .......................................................................54
L6986I
Contents
DS13647 - Rev 2
page 56/60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com