Electronic Components Datasheet Search
  English  ▼

X  

L6986ITR Datasheet(PDF) 28 Page - STMicroelectronics

Part # L6986ITR
Description  38 V, 5 W synchronous iso-buck converter for isolated applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6986ITR Datasheet(HTML) 28 Page - STMicroelectronics

Back Button L6986ITR Datasheet HTML 24Page - STMicroelectronics L6986ITR Datasheet HTML 25Page - STMicroelectronics L6986ITR Datasheet HTML 26Page - STMicroelectronics L6986ITR Datasheet HTML 27Page - STMicroelectronics L6986ITR Datasheet HTML 28Page - STMicroelectronics L6986ITR Datasheet HTML 29Page - STMicroelectronics L6986ITR Datasheet HTML 30Page - STMicroelectronics L6986ITR Datasheet HTML 31Page - STMicroelectronics L6986ITR Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 60 page
background image
6
Application notes
6.1
Output voltage adjustment
Primary output voltage
The error amplifier reference voltage is 0.85 V typical. The output voltage is adjusted accordingly to equation
below:
VOUT_pri= 0.85∙1+R1R2
(23)
where R1 and R2 are the resistors used in the output divider (see figure below).
Figure 31. L6986I application circuit
signal GND
power GND
T1
CCOMP
COUT_pri
CIN
VOUT_sec+
CSS
VIN
CP
GND
R2
CIN
R1
D1
L6986I
RST
1
VCC
2
SS/INH
3
SYNCH
4
FSW
5
MLF
6
COMP
7
DELAY
8
FB
9
SGND
10
PGND
11
PGND
12
LX
13
LX
14
VIN
15
BIAS
16
EP
17
VOUT_pri
RCOMP
CVCC
COUT_sec
VOUT_sec-
The integration of a P-channel MOSFET as high side switch theoretically allows duty cycle up to 100%.
Nevertheless, in an iso-buck architecture some restrictions should be considered. A general recommendation
is to keep the duty-cycle below 50-60%. A higher duty cycle would limit off time, limiting the time in which the
energy transfer to the secondary side takes place.
Other restrictions in the duty cycle selection arise due to the minimum on time (see Section 6.2 ), generally
summarized by the following equation:
D ≥ DMIN = TON MIN∙fSW
(24)
Secondary output voltage
In the iso-buck converter, the secondary output voltage is not included in the regulation loop. Nevertheless, a
good regulation of the secondary output voltage is achieved by relying on the primary output voltage regulation,
the selection of a proper turn ratio of the transformer as well as considering the voltage drops due to the
secondary winding resistance and the Schottky diode. That can be summarized by the following equation:
VOUT_sec=N∙VOUT_pri+IOUTpri∙RDSonLS+Rwind_pri ‐Rwind_sec∙IOUT_sec‐VFD1
(25)
Where N is the turn ratio, Rwind_prim and Rwind_sec are the winding resistances of the primary and secondary
side respectively and VFD1 is the forward voltage of the Schottky diode.
If no current is drawn from the primary output, the equation (25) can be simplified as follows:
VOUT_sec=N∙VOUTpri−Rwind_sec∙IOUT_sec−VFD1
(26)
Equation (26) emphasizes how the selection of the transformer and, to some extent, the Schottky diode plays a
crucial role in the accurate regulation of the secondary output voltage. The figure below shows instead the effect
of the current drawn from the primary output on the isolated voltage, as described by the eq. (9).
L6986I
Application notes
DS13647 - Rev 2
page 28/60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com