Electronic Components Datasheet Search
  English  ▼

X  

L6986ITR Datasheet(PDF) 16 Page - STMicroelectronics

Part # L6986ITR
Description  38 V, 5 W synchronous iso-buck converter for isolated applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6986ITR Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L6986ITR Datasheet HTML 12Page - STMicroelectronics L6986ITR Datasheet HTML 13Page - STMicroelectronics L6986ITR Datasheet HTML 14Page - STMicroelectronics L6986ITR Datasheet HTML 15Page - STMicroelectronics L6986ITR Datasheet HTML 16Page - STMicroelectronics L6986ITR Datasheet HTML 17Page - STMicroelectronics L6986ITR Datasheet HTML 18Page - STMicroelectronics L6986ITR Datasheet HTML 19Page - STMicroelectronics L6986ITR Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 60 page
background image
4.7
Output voltage line regulation
All results shown in this section come from measurements performed using the reference schematic depicted in
figure below.
Figure 15. Schematic used for line and load regulation tests
Primary output line regulation
The regulator features an enhanced primary line regulation due to the peak current mode architecture. Figure 16
shows negligible output voltage variation (normalized to the value measured at VIN = 12 V) over an input voltage
range up to 24 V for L6986I with VOUT prim = 5.3 V.
Figure 16. Primary line regulation
-0.5%
-0.4%
-0.3%
-0.2%
-0.1%
0.0%
12
13
14
15
16
17
18
19
20
21
22
23
24
VIN [V]
Iout_prim = 0A
Iout_prim = 1A
Secondary output line regulation
The secondary output line regulation is defined, similarly to the primary side, as the variation of secondary the
output voltage due to the input voltage change at a specific current. The secondary output line regulation is mainly
affected by the transformer and in particular by its leakage inductance.
Keeping constant the leakage inductance (i.e. using the same transformer), an higher input voltage allows to
slightly increase the isolated output voltage, as shown in figure below.
L6986I
Output voltage line regulation
DS13647 - Rev 2
page 16/60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com