Electronic Components Datasheet Search
  English  ▼

X  

M66596FP Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # M66596FP
Description  ASSP (USB2.0 Dual Function Controller)
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M66596FP Datasheet(HTML) 5 Page - Renesas Technology Corp

  M66596FP Datasheet HTML 1Page - Renesas Technology Corp M66596FP Datasheet HTML 2Page - Renesas Technology Corp M66596FP Datasheet HTML 3Page - Renesas Technology Corp M66596FP Datasheet HTML 4Page - Renesas Technology Corp M66596FP Datasheet HTML 5Page - Renesas Technology Corp M66596FP Datasheet HTML 6Page - Renesas Technology Corp M66596FP Datasheet HTML 7Page - Renesas Technology Corp M66596FP Datasheet HTML 8Page - Renesas Technology Corp M66596FP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 133 page
background image
M66596FP/WG
rev .1.00
2006.3.14
page 3 of 127
1.3 Pin layout diagram
Figure 1.1 and Figure 1.2 show the pin layout diagram (top view) of the controller.
D8
D7
D6/AD6
D5/AD5
D4/AD4
D3/AD3
D2/AD2
D1/AD1
D0
A6/ ALE
A5
A4
A3
A2
A1
MPBUS
64
63
62
61
60
59
58
57
56
55
54
53
52
51
50
49
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
SD6
SD7
INT_N
SOF_N
RD_N
WR0_N
WR1_N
CS_N
DREQ0_N
DACK0_N
DEND0_N
DREQ1_N
DACK1_N/DSTB0_N
DEND1_N
RST_N
VIF
package
M66596FP : 64P6X : 64pinLQFP(0.5mm pitch)
*The “_N” in the signal name
indicates that the signal is in the
“L” active state.
M66596FP
(Top view)
Figure 1.1 Pin layout diagram of M66596FP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com