Electronic Components Datasheet Search
  English  ▼

X  

M66596FP Datasheet(PDF) 87 Page - Renesas Technology Corp

Part # M66596FP
Description  ASSP (USB2.0 Dual Function Controller)
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M66596FP Datasheet(HTML) 87 Page - Renesas Technology Corp

Back Button M66596FP Datasheet HTML 83Page - Renesas Technology Corp M66596FP Datasheet HTML 84Page - Renesas Technology Corp M66596FP Datasheet HTML 85Page - Renesas Technology Corp M66596FP Datasheet HTML 86Page - Renesas Technology Corp M66596FP Datasheet HTML 87Page - Renesas Technology Corp M66596FP Datasheet HTML 88Page - Renesas Technology Corp M66596FP Datasheet HTML 89Page - Renesas Technology Corp M66596FP Datasheet HTML 90Page - Renesas Technology Corp M66596FP Datasheet HTML 91Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 133 page
background image
M66596FP/WG
rev .1.00
2006.3.14
page 85 of 127
3.4.4.2 Timing at which the FIFO port can be accessed after reading/writing has been completed when
using a double buffer
Figure 3.24 shows the timing at which, when using a pipe with a double buffer, the other buffer can be accessed after
reading from or writing to one buffer has been completed.
When using a double buffer, access to the FIFO port should be carried out after waiting 300 ns after the access made
just prior to toggling.
The same timing applies when a short packet is being sent based on the “BVAL=1” setting using the IN direction
pipe.
Indefinite
WR_N /
RD_N
CURPIPE
FRDY
DTLN
max 300ns
min 20ns
PIPE-A
Buffer-A
Buffer-A
Buffer-B
Buffer-B
Access just prior to buffer toggling
Figure 3.24. Timing at which the FRDY and DTLN bits are determined after reading from or writing to a
double buffer has been completed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com