Electronic Components Datasheet Search
  English  ▼

X  

M66596FP Datasheet(PDF) 99 Page - Renesas Technology Corp

Part # M66596FP
Description  ASSP (USB2.0 Dual Function Controller)
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M66596FP Datasheet(HTML) 99 Page - Renesas Technology Corp

Back Button M66596FP Datasheet HTML 95Page - Renesas Technology Corp M66596FP Datasheet HTML 96Page - Renesas Technology Corp M66596FP Datasheet HTML 97Page - Renesas Technology Corp M66596FP Datasheet HTML 98Page - Renesas Technology Corp M66596FP Datasheet HTML 99Page - Renesas Technology Corp M66596FP Datasheet HTML 100Page - Renesas Technology Corp M66596FP Datasheet HTML 101Page - Renesas Technology Corp M66596FP Datasheet HTML 102Page - Renesas Technology Corp M66596FP Datasheet HTML 103Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 133 page
background image
M66596FP/WG
rev .1.00
2006.3.14
page 97 of 127
3.10 SOF interpolation function
In the Peripheral mode, if data could not be received at intervals of 1 ms (when using Full-Speed operation) or 125
µs (when using Hi-Speed operation) because an SOF packet was corrupted or missing, the controller interpolates the
SOF. The SOF interpolation operation begins when “USBE=1”, “SCKE=1” and an SOF packet is received. The
interpolation function is initialized under the following conditions.
(1)
H/W reset
(2)
S/W reset
(3)
USB bus reset
(4)
Suspend state detected
Also, the SOF interpolation operates under the following specifications.
(1)
125
µs/1 ms conforms to the results of the reset handshake protocol.
(2)
The interpolation function is not activated until an SOF packet is received.
(3)
After the first SOF packet is received, either 125
µs or 1 ms is counted at an internal clock of 48 MHz, and
interpolation is carried out.
(4)
After the second and subsequent SOF packets are received, interpolation is carried out at the previous
reception interval.
(5)
Interpolation is not carried out in the suspended state or while a USB bus reset is being received.
(With suspended transitions during Hi-Speed operation, interpolation continues for 3 ms after the last
packet is received.
The contorller supports the following functions based on the SOF detection. Those functions also operate normally
with SOF interpolation is also activated for the following functions, if the SOF packet was corrupted.
(1)
Refreshing of the frame number and micro-frame number
(2)
SOFR interrupt timing and uSOF lock
(3)
SOF pulse output
(4)
Isochronous transfer interval count
If an SOF packet is missing when Full-Speed operation is being used, the FRNM bit of the FRMNUM0 register is
not refreshed. If a
µSOF packet is missing during Hi-Speed operation, the UFRNM bit of the FRMNUM1 register is
refreshed.
However, if a
µSOF packet for which “µFRNM=000” is missing, the FRNM bit is not refreshed. If this happens, the
FRNM bit is not refreshed even if successive
µSOF packets other than “µFRNM=000” are received normally.
3.10.1 SOF pulse output
When SOF output is enabled, the controller is able to output SOF signals at the timing at which the SOFs are
received. When the value of the SOFM bit of the SOFCFG register is “01” (1 ms SOF) or “10” (125
µs SOF), pulses are
output from the SOF_N pin in the “L” active state. These are called “SOF signals”. For information on pulse timing,
please see Figure 3.29 The controller outputs SOF output based on SOF packet reception events or SOF
interpolation events at uniform intervals.
USB Bus
SOF packet
1ms(Full-Speed) / 125us(High-Speed)
SOF
minimun 640ns
SYNC
PID
FRAME
CRC5
Figure 3.29 SOF output timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com