Electronic Components Datasheet Search
  English  ▼

X  

M66596FP Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # M66596FP
Description  ASSP (USB2.0 Dual Function Controller)
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M66596FP Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button M66596FP Datasheet HTML 6Page - Renesas Technology Corp M66596FP Datasheet HTML 7Page - Renesas Technology Corp M66596FP Datasheet HTML 8Page - Renesas Technology Corp M66596FP Datasheet HTML 9Page - Renesas Technology Corp M66596FP Datasheet HTML 10Page - Renesas Technology Corp M66596FP Datasheet HTML 11Page - Renesas Technology Corp M66596FP Datasheet HTML 12Page - Renesas Technology Corp M66596FP Datasheet HTML 13Page - Renesas Technology Corp M66596FP Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 133 page
background image
M66596FP/WG
rev .1.00
2006.3.14
page 8 of 127
1.5 Pin function configuration
Figure 1.3 shows a diagram of the pin function configuration of the controller.
CPU bus interface
D15-7,D6-1(/AD6-1),D0
A6/ALE,A5-1
CS_N
RD_N
WR0_N
WR1_N
MPBUS
Interrupt / SOF output
INT_N
SOF_N
DMA interface
DREQ0_N
DACK0_N
DEND0_N
DREQ1_N
DACK1_N/DSTB0_N
DEND1_N
Split bus
SD7-0
System control
RST_N
TEST
16
6
Clock
XIN
XOUT
VBUS monitor input
VBUS
USB interface
DP, DM
Reference resistance
REFRIN
M66596
8
2
Figure 1.3 Pin function configuration diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com