Electronic Components Datasheet Search
  English  ▼

X  

M66596FP Datasheet(PDF) 63 Page - Renesas Technology Corp

Part # M66596FP
Description  ASSP (USB2.0 Dual Function Controller)
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M66596FP Datasheet(HTML) 63 Page - Renesas Technology Corp

Back Button M66596FP Datasheet HTML 59Page - Renesas Technology Corp M66596FP Datasheet HTML 60Page - Renesas Technology Corp M66596FP Datasheet HTML 61Page - Renesas Technology Corp M66596FP Datasheet HTML 62Page - Renesas Technology Corp M66596FP Datasheet HTML 63Page - Renesas Technology Corp M66596FP Datasheet HTML 64Page - Renesas Technology Corp M66596FP Datasheet HTML 65Page - Renesas Technology Corp M66596FP Datasheet HTML 66Page - Renesas Technology Corp M66596FP Datasheet HTML 67Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 133 page
background image
M66596FP/WG
rev .1.00
2006.3.14
page 61 of 127
DTCH
Full-Speed detach
detect
When Host mode, interruption can be generated when
peripheral device is detached at the time of Full-Speed
mode. Please perform detach detection by S/W, such as
detecting ignore packet from peripheral device at the
time of Hi-Speed mode.
Host
-
3.2.12
Table 3.8 shows the INT_N pin operations of the controller. If multiple interrupt causes have occurred, the method
used for INT_N pin output can be set using the INTL bit of the INTENB1
register. The operation setting for the
INT_N pin should be set to match the user system.
Table 3.8 INT_N pin operations
INT_N pin
operation
INTL setting
When one interrupt cause occurred
When multiple interrupt causes occurred
Edge sensing
(“INTL=0”)
“L” level output until the cause has been
eliminated
When one cause is eliminated, the 32 clock tim
e is negated (“H” pulse output) at 48 MHz.
Level sensing
(“INTL=1”)
“L” level output until the cause has been
eliminated
“L” level is output until all of the causes have
been eliminated.
Interrupt cause 1
Interrupt cause 2
INT_N pin
<Edge sensing>
Cause 1 occurs
Cause 2 occurs
Cause 1 cleared
Cause 2 cleared
Negated interval
Interrupt cause 1
Interrupt cause 2
INT_N pin
<Level sensing>
Cause 1 occurs
Cause 2 occurs
Cause 1 cleared
Cause 2 cleared
Figure 3.11 INT_N pin operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com